Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29F002TPC-55 Datasheet(PDF) 8 Page - Macronix International

Part # MX29F002TPC-55
Description  2M-BIT [256K x 8] CMOS FLASH MEMORY
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F002TPC-55 Datasheet(HTML) 8 Page - Macronix International

Back Button MX29F002TPC-55 Datasheet HTML 4Page - Macronix International MX29F002TPC-55 Datasheet HTML 5Page - Macronix International MX29F002TPC-55 Datasheet HTML 6Page - Macronix International MX29F002TPC-55 Datasheet HTML 7Page - Macronix International MX29F002TPC-55 Datasheet HTML 8Page - Macronix International MX29F002TPC-55 Datasheet HTML 9Page - Macronix International MX29F002TPC-55 Datasheet HTML 10Page - Macronix International MX29F002TPC-55 Datasheet HTML 11Page - Macronix International MX29F002TPC-55 Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
8
REV. 1.5, MAR. 28, 2005
P/N: PM0547
MX29F002/002N T/B
SET-UP
AUTOMATIC
SECTOR
ERASE
COMMANDS
The Automatic Sector Erase does not require the device
to be entirely pre-programmed prior to executing the
Automatic Set-up Sector Erase command and Automatic
Sector Erase command. Upon executing the Automatic
Sector Erase command, the device will automatically
program and verify the sector(s) memory for an all-zero
data pattern. The system does not require to provide any
control or timing during these operations.
When the sector(s) is automatically verified to contain an
all-zero pattern, a self-timed sector erase and verification
begin. The erase and verification operations are complete
when the data on Q7 is "1" and the data on Q6 stops
toggling for two consecutive read cycles, at which time the
device returns to the Read mode. The system does not
required to provide any control or timing during these
operations.
When using the Automatic Sector Erase algorithm, note
that the erase automatically terminates when adequate
erase margin has been achieved for the memory array (no
erase verify command is required). Sector erase is a six-
bus cycle operation. There are two "unlock" write cycles.
These are followed by writing the set-up command-80H.
Two more "unlock" write cycles are then followed by the
sector erase command-30H.
The sector address is
latched on the falling edge of WE, while the command(data)
is latched on the rising edge of WE. Sector addresses
selected are loaded into internal register on the sixth falling
edge of WE. Each successive sector load cycle started
by the falling edge of WE must begin within 30us from the
rising edge of the preceding WE. Otherwise, the loading
period ends and internal auto sector erase cycle starts.
(Monitor Q3 to determine if the sector erase timer window
is still open, see section Q3, Sector Erase Timer.) Any
command other than Sector Erase (30H) or Erase Suspend
(BOH) during the time-out period resets the device to read
mode.
ERASE SUSPEND
This command is only valid while the state machine is
executing Automatic Sector Erase operation, and therefore
will only be responded during Automatic Sector Erase
operation. Writing the Erase Suspend command during
the Sector Erase time-out immediately terminates the
time-out period and suspends the erase operation. After
this command has been executed, the command register
will initiate erase suspend mode. The state machine will
return to read mode automatically after suspend is ready.
At this time, state machine only allows the command
register to respond to the Read Memory Array, Erase
Resume and Program commands. The system can
determine the status of the program operation using the Q7
or Q6 status bits, just as in the standard program operation.
After an erase-suspended program operation is complete,
the system can once again read array data within non-
suspended sectors.


Similar Part No. - MX29F002TPC-55

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F001B MCNIX-MX29F001B Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TPC-12 MCNIX-MX29F001TPC-12 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TPC-90 MCNIX-MX29F001TPC-90 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TQC-12 MCNIX-MX29F001TQC-12 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
More results

Similar Description - MX29F002TPC-55

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
   2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
MX29LV002CT MCNIX-MX29LV002CT Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com