Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27C8100-20 Datasheet(PDF) 7 Page - Macronix International

Part # 27C8100-20
Description  8M-BIT [1M x8/512K x16] CMOS OTP ROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

27C8100-20 Datasheet(HTML) 7 Page - Macronix International

Back Button 27C8100-20 Datasheet HTML 3Page - Macronix International 27C8100-20 Datasheet HTML 4Page - Macronix International 27C8100-20 Datasheet HTML 5Page - Macronix International 27C8100-20 Datasheet HTML 6Page - Macronix International 27C8100-20 Datasheet HTML 7Page - Macronix International 27C8100-20 Datasheet HTML 8Page - Macronix International 27C8100-20 Datasheet HTML 9Page - Macronix International 27C8100-20 Datasheet HTML 10Page - Macronix International 27C8100-20 Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
REV. 2.4, NOV. 19, 2002
P/N: PM0261
MX27C8100
NOTICE:
Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended period may affect reliability.
NOTICE:
Specifications contained within the following tables are subject to
change.
ABSOLUTE MAXIMUM RATINGS
RATING
VALUE
Ambient Operating Temperature
0oC to 70oC
Storage Temperature
-65oC to 125oC
Applied Input Voltage
-0.5V to 7.0V
Applied Output Voltage
-0.5V to VCC + 0.5V
VCC to Ground Potential
-0.5V to 7.0V
A9 & VPP
-0.5V to 13.5V
DC/AC Operating Conditions for Read Operation
MX27C8100
-10
-12
-15
-20
Operating Temperature
Commercial
0°C to 70°C0°C to 70°C0°C to 70°C0°C to 70°C
Vcc Power Supply
5V ± 10%
5V ± 10%
5V ± 10%
5V ± 10%
DC CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
VOH
Output High Voltage
2.4
V
IOH = -0.4mA
VOL
Output Low Voltage
0.4
V
IOL = 2.1mA
VIH
Input High Voltage
2.0
VCC + 0.5
V
VIL
Input Low Voltage
-0.3
0.8
V
ILI
Input Leakage Current
-10
10
uA
VIN = 0 to 5.5V
ILO
Output Leakage Current
-10
10
uA
VOUT = 0 to 5.5V
ICC3
VCC Power-Down Current
100
uA
CE = VCC ± 0.3V
ICC2
VCC Standby Current
1.5
mA
CE = VIH
ICC1
VCC Active Current
60
mA
CE = VIL, f=5MHz, Iout = 0mA
IPP
VPP Supply Current Read
10
uA
CE = OE = VIL, VPP = 5.5V
CAPACITANCE TA = 25oC, f = 1.0 MHz (Sampled only)
SYMBOL
PARAMETER
TYP.
MAX.
UNIT
CONDITIONS
CIN
Input Capacitance
8
12
pF
VIN = 0V
COUT
Output Capacitance
8
12
pF
VOUT = 0V
CVPP
VPP Capacitance
18
25
pF
VPP = 0V


Similar Part No. - 27C8100-20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
27C800 STMICROELECTRONICS-27C800 Datasheet
171Kb / 18P
   8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM
logo
ATMEL Corporation
27C800 ATMEL-27C800 Datasheet
177Kb / 10P
   8-Megabit 512K x 16 or 1024K x 8 UV Erasable EPROM
logo
Macronix International
27C800 MCNIX-27C800 Datasheet
936Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
27C8000-10 MCNIX-27C8000-10 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
27C8000-12 MCNIX-27C8000-12 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
More results

Similar Description - 27C8100-20

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C8111 MCNIX-MX27C8111 Datasheet
488Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM WITH PAGE MODE
MX27C4000A MCNIX-MX27C4000A Datasheet
932Kb / 15P
   4M-BIT [512K x8] CMOS OTP ROM
MX27C8000A MCNIX-MX27C8000A Datasheet
936Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000 MCNIX-MX27C8000_97 Datasheet
92Kb / 13P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000 MCNIX-MX27C8000 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
logo
OKI electronic componet...
MR27V3266D OKI-MR27V3266D Datasheet
234Kb / 36P
   2M x16 / 1M x32 Synchronous OTP ROM
logo
Macronix International
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
logo
Toshiba Semiconductor
TC531000AP TOSHIBA-TC531000AP Datasheet
186Kb / 4P
   1M BIT (128K WORD X8 BIT) CMOS MASK ROM SILICON GATE CMOS
logo
Sharp Corporation
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHB-PTTL90 SHARP-LH28F800BJHB-PTTL90 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com