Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM340IS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # TSM340IS
Description  MICRO SURFACE MOUNT SCHOTTKY BRIDGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

TSM340IS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  TSM340IS_14 Datasheet HTML 1Page - Pan Jit International Inc. TSM340IS_14 Datasheet HTML 2Page - Pan Jit International Inc. TSM340IS_14 Datasheet HTML 3Page - Pan Jit International Inc. TSM340IS_14 Datasheet HTML 4Page - Pan Jit International Inc. TSM340IS_14 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
September 9,2014-REV.00
TSM340IS
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• Low power loss, high efficiency.
• Low forward voltage, high current capability
• High surge capacity.
• Epitaxial chip construction.
• Lead free in compliance with EU RoHS 2011/65/EU directive.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MICRO SURFACE MOUNT SCHOTTKY BRIDGE
VOLTAGE
40 Volt
CURRENT
3 Ampere
MECHANICAL DATA
• Case: TDI Molded plastic
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Weight: 0.003 ounces, 0.09 grams.
• Marking: Part number
ABSOLUTE MAXIMUM RATINGS (TA=25oC unless otherwise noted)
NOTES :
1.Mounted on a FR4 PCB, single-sided copper, with 100cm2 copper pad area.
2.Mounted on a FR4 PCB, single-sided copper, mini pad.
PA R A M E T E R
S Y M B O L
VA L UE
UNI T S
M axi m um P eak R epet it ve R ever s e Vo lt age
V RRM
40
V
M axi m um R M S R ever s e Volt age
V RMS
28
V
M a xi mum D C B l o c k i ng Vo l t a g e
V R
40
V
M axi m um A ver age For w ar d C ur r ent
I F( AV)
3A
P e a k For w ar d S ur g e C ur r ent : 8 . 3m s si ng l e ha l f si ne - w ave super im pose d
on r at ed l oad per di ode
I FSM
60
A
Ty pic a l Ther ma l R e si st ance
( Not e 2)
( Not e 1)
R ΘJA
R ΘJC
145
32
O C/ W
O per at i ng Junc t i on Tem per at ur e R ang e
T J
- 55 t o + 150
O C
S t or a ge Te mper at ur e R ange
T STG
- 55 t o + 150
O C


Similar Part No. - TSM340IS_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3400 TSC-TSM3400 Datasheet
247Kb / 6P
   30V N-Channel MOSFET
TSM3400CXRF TSC-TSM3400CXRF Datasheet
247Kb / 6P
   30V N-Channel MOSFET
TSM3401 TSC-TSM3401 Datasheet
217Kb / 5P
   -30V P-Channel Enhancement Mode MOSFET
TSM3401 TSC-TSM3401 Datasheet
349Kb / 6P
   30V P-Channel MOSFET
TSM3401CX TSC-TSM3401CX Datasheet
217Kb / 5P
   -30V P-Channel Enhancement Mode MOSFET
More results

Similar Description - TSM340IS_14

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TS240S-AU PANJIT-TS240S-AU Datasheet
128Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS260S PANJIT-TS260S_14 Datasheet
198Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS2100S PANJIT-TS2100S_14 Datasheet
146Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS1100S PANJIT-TS1100S Datasheet
76Kb / 3P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS260S PANJIT-TS260S Datasheet
220Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS360ILS PANJIT-TS360ILS Datasheet
92Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS140S PANJIT-TS140S Datasheet
134Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS240S PANJIT-TS240S_14 Datasheet
203Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
SDI260 PANJIT-SDI260 Datasheet
92Kb / 4P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS240S PANJIT-TS240S Datasheet
110Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS340IS PANJIT-TS340IS_14 Datasheet
115Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com