Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX28F2100B Datasheet(PDF) 2 Page - Macronix International

Part # MX28F2100B
Description  2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX28F2100B Datasheet(HTML) 2 Page - Macronix International

  MX28F2100B Datasheet HTML 1Page - Macronix International MX28F2100B Datasheet HTML 2Page - Macronix International MX28F2100B Datasheet HTML 3Page - Macronix International MX28F2100B Datasheet HTML 4Page - Macronix International MX28F2100B Datasheet HTML 5Page - Macronix International MX28F2100B Datasheet HTML 6Page - Macronix International MX28F2100B Datasheet HTML 7Page - Macronix International MX28F2100B Datasheet HTML 8Page - Macronix International MX28F2100B Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
2
MX28F2100B
P/N: PM0382
REV. 1.5, MAR. 24, 1998
PIN CONFIGURATIONS
44 SOP(500 mil)
TSOP (TYPE 1) (12mm x 20mm)
(NORMAL TYPE)
SYMBOL
PIN NAME
A0~A16
Address Input
Q0~Q14
Data Input/Output
Q15/A-1
Q15(Word mode)/LSB addr(Byte mode)
CE
Chip Enable Input
WE
Write Enable Input
BYTE
Word/Byte Selction input
RP
Reset/Deep Power Down
OE
Output Enable Input
VPP
Power supply for Program and Erase
VCC
Power Supply Pin (+5V)
GND
Ground Pin
PIN DESCRIPTION:
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
VPP
NC
NC
A7
A6
A5
A4
A3
A2
A1
A0
CE
GND
OE
Q0
Q8
Q1
Q9
Q2
Q10
Q3
Q11
RP
WE
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE
GND
Q15/A-1
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
WE
RP
VPP
NC
NC
NC
NC
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A16
BYTE
GND
Q15/A-1
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
Q11
Q3
Q10
Q2
Q9
Q1
Q8
Q0
OE
GND
CE
A0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
MX28F2100B


Similar Part No. - MX28F2100B

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000PPC-12C4 MCNIX-MX28F2000PPC-12C4 Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000PPC-70C4 MCNIX-MX28F2000PPC-70C4 Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000PPC-90C4 MCNIX-MX28F2000PPC-90C4 Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000PQC-12C4 MCNIX-MX28F2000PQC-12C4 Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
More results

Similar Description - MX28F2100B

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29LV200TC FUJITSU-MBM29LV200TC Datasheet
488Kb / 54P
   2M (256K X 8/128K X 16) BIT
MBM29F200TC FUJITSU-MBM29F200TC Datasheet
508Kb / 48P
   2M (256K X 8/128K X 16) BIT
logo
Sharp Corporation
LH532000B-1 SHARP-LH532000B-1 Datasheet
72Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
logo
Force Technologies Ltd
FT29F200CT FORCE-FT29F200CT Datasheet
2Mb / 49P
   2M-BIT [256K x 8 / 128K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
logo
Sharp Corporation
LH532000B SHARP-LH532000B Datasheet
68Kb / 7P
   CMOS 2M (256K x 8/128K x 16) MROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com