Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX27C512PC-12 Datasheet(PDF) 6 Page - Macronix International

Part # MX27C512PC-12
Description  512K-BIT [64Kx8] CMOS EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C512PC-12 Datasheet(HTML) 6 Page - Macronix International

Back Button MX27C512PC-12 Datasheet HTML 2Page - Macronix International MX27C512PC-12 Datasheet HTML 3Page - Macronix International MX27C512PC-12 Datasheet HTML 4Page - Macronix International MX27C512PC-12 Datasheet HTML 5Page - Macronix International MX27C512PC-12 Datasheet HTML 6Page - Macronix International MX27C512PC-12 Datasheet HTML 7Page - Macronix International MX27C512PC-12 Datasheet HTML 8Page - Macronix International MX27C512PC-12 Datasheet HTML 9Page - Macronix International MX27C512PC-12 Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
P/N:PM0235
REV. 4.8, AUG. 26, 2003
MX27C512
ABSOLUTE MAXIMUM RATINGS
RATING
VALUE
Ambient Operating Temperature
-40oC to 125oC
Storage Temperature
-65oC to 125oC
Applied Input Voltage
-0.5V to 7.0V
Applied Output Voltage
-0.5V to VCC + 0.5V
VCC to Ground Potential
-0.5V to 7.0V
A9 & Vpp
-0.5V to 13.5V
NOTICE:
Stresses greater than those listed under ABSOLUTE
MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation
of the device at these or any other conditions above those
indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for
extended period may affect reliability.
NOTICE:
Specifications contained within the following tables are sub-
ject to change.
DC/AC Operating Conditions for Read Operation
MX27C512
-45
-55
-70
-90
-10
-12
-15
Operating
Commercial 0°C to 55°C0°C to 70°C0°C to 70°C0°C to 70°C0°C to 70°C0°C to 70°C0°C to 70°C
Temperature Industrial
-40°C to 85°C -40°C to 85°C -40°C to 85°C -40°C to 85°C -40°C to 85°C -40°C to 85°C -40°C to 85°C
Automotive
-40°C to 125°C -40°C to 125°C -40°C to 125°C -40°C to 125°C
Vcc Power Supply
5V ± 5%
5V ± 10%
5V ± 10%
5V ± 10%
5V ± 10%
5V ± 10%
5V ± 10%
DC CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
VOH
Output High Voltage
2.4
V
IOH = -0.4mA
VOL
Output Low Voltage
0.4
V
IOL = 2.1mA
VIH
Input High Voltage
2.0
VCC + 0.5
V
VIL
Input Low Voltage
-0.2
0.8
V
ILI
Input Leakage Current
-10
10
uA
VIN = 0 to 5.5V
ILO
Output Leakage Current
-10
10
uA
VOUT = 0 to 5.5V
ICC3
VCC Power-Down Current
100
uA
CE = VCC ± 0.3V
ICC2
VCC Standby Current
1.5
mA
CE = VIH
ICC1
VCC Active Current
30
mA
CE = VIL, f=5MHz, Iout =0mA
IPP
VPP Supply Current Read
10
uA
CE = VIL, VPP = 5.5V
CAPACITANCE TA = 25oC, f = 1.0 MHz (Sampled only)
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
CIN
Input Capacitance
8
12
pF
VIN = 0V
COUT
Output Capacitance
8
12
pF
VOUT = 0V
Vpp
VPP Capacitance
18
25
pF
VPP = 0V


Similar Part No. - MX27C512PC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000 MCNIX-MX27C1000 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000AMC-10 MCNIX-MX27C1000AMC-10 Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000AMC-12 MCNIX-MX27C1000AMC-12 Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
More results

Similar Description - MX27C512PC-12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT25LC512 HOLTEK-HT25LC512 Datasheet
153Kb / 11P
   CMOS 64Kx8-Bit SPI Serial OTP EPROM
logo
Intel Corporation
28F512 INTEL-28F512 Datasheet
1Mb / 30P
   512K(64Kx8)CMOS FLASH MEMORY
logo
Macronix International
MX27C4000 MCNIX-MX27C4000 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
   CMOS 512K 8-Bit OTP EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT23C512 HOLTEK-HT23C512_1 Datasheet
121Kb / 12P
   CMOS 64Kx8-Bit Mask ROM
logo
National Semiconductor ...
NM27P040 NSC-NM27P040 Datasheet
151Kb / 10P
   4,194,304-Bit (512K x 8) Processor Oriented CMOS EPROM
logo
Fairchild Semiconductor
NM27C040 FAIRCHILD-NM27C040 Datasheet
111Kb / 11P
   4,194,304-Bit (512K x 8) High Performance CMOS EPROM
FM27C040 FAIRCHILD-FM27C040 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
logo
Macronix International
MX27L4000 MCNIX-MX27L4000 Datasheet
955Kb / 15P
   4M-BIT [512K x8] LOW VOLTAGE OPERATION CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com