Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX27C1024QC-15 Datasheet(PDF) 11 Page - Macronix International

Part # MX27C1024QC-15
Description  1M-BIT [128K x 8/64K x 16] CMOS EPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C1024QC-15 Datasheet(HTML) 11 Page - Macronix International

Back Button MX27C1024QC-15 Datasheet HTML 7Page - Macronix International MX27C1024QC-15 Datasheet HTML 8Page - Macronix International MX27C1024QC-15 Datasheet HTML 9Page - Macronix International MX27C1024QC-15 Datasheet HTML 10Page - Macronix International MX27C1024QC-15 Datasheet HTML 11Page - Macronix International MX27C1024QC-15 Datasheet HTML 12Page - Macronix International MX27C1024QC-15 Datasheet HTML 13Page - Macronix International MX27C1024QC-15 Datasheet HTML 14Page - Macronix International MX27C1024QC-15 Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
REV. 4.6, JAN. 14, 2003
P/N: PM0156
MX27C1100/27C1024
DC PROGRAMMING CHARACTERISTICS TA = 25oC ± 5oC
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
VOH
Output High Voltage
2.4
V
IOH = -0.40mA
VOL
Output Low Voltage
0.4
V
IOL = 2.1mA
VIH
Input High Voltage
2.0
VCC + 0.5
V
VIL
Input Low Voltage
-0.3
0.8
V
ILI
Input Leakage Current
-10
10
uA
VIN = 0 to 5.5V
VH
A9 Auto Select Voltage
11.5
12.5
V
ICC3
VCC Supply Current (Program & Verify)
50
mA
IPP2
VPP Supply Current(Program)
30
mA
CE = VIL, OE = VIH
VCC1
Fast Programming Supply Voltage
6.00
6.50
V
VPP1
Fast Programming Voltage
12.5
13.0
V
AC PROGRAMMING CHARACTERISTICS TA = 25oC ± 5°C
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
tAS
Address Setup Time
2.0
us
tOES
OE Setup Time
2.0
us
tDS
Data Setup Time
2.0
us
tAH
Address Hold Time
0
us
tDH
Data Hold Time
2.0
us
tDFP
Output Enable to Output Float Delay
0
130
ns
tVPS
VPP Setup Time
2.0
us
tPW
PGM Program Pulse Width
95
105
us
tVCS
VCC Setup Time
2.0
us
tCES
CE Setup Time
2.0
us
tOE
Data valid from OE
150
ns


Similar Part No. - MX27C1024QC-15

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000 MCNIX-MX27C1000 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000AMC-10 MCNIX-MX27C1000AMC-10 Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000AMC-12 MCNIX-MX27C1000AMC-12 Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
More results

Similar Description - MX27C1024QC-15

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX26C1000A MCNIX-MX26C1000A Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000B MCNIX-MX26C1000B Datasheet
1,016Kb / 23P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com