Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX27C8111PC-90 Datasheet(PDF) 1 Page - Macronix International

Part # MX27C8111PC-90
Description  8M-BIT [1M x8/512K x16] CMOS OTP ROM WITH PAGE MODE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C8111PC-90 Datasheet(HTML) 1 Page - Macronix International

  MX27C8111PC-90 Datasheet HTML 1Page - Macronix International MX27C8111PC-90 Datasheet HTML 2Page - Macronix International MX27C8111PC-90 Datasheet HTML 3Page - Macronix International MX27C8111PC-90 Datasheet HTML 4Page - Macronix International MX27C8111PC-90 Datasheet HTML 5Page - Macronix International MX27C8111PC-90 Datasheet HTML 6Page - Macronix International MX27C8111PC-90 Datasheet HTML 7Page - Macronix International MX27C8111PC-90 Datasheet HTML 8Page - Macronix International MX27C8111PC-90 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FEATURES
With Page Mode function, 8-word/16-byte page
1M x 8 or 512K x 16 organization
+12.5V programming voltage
Fast access time:90/100/120/150 ns
Page mode access time 50/60/75 ns
Totally static operation
Completely TTL compatible
Operating current: 60mA
Standby current: 100uA
Package type:
- 42 pin plastic DIP
- 44 pin SOP
REV. 2.6, AUG. 22, 2001
P/N: PM0329
1
PIN CONFIGURATIONS
PDIP
GENERAL DESCRIPTION
The MX27C8111 is a 8M-bit, One Time Programmable
Read Only Memory with page mode. It is organized as
1M x 8 or 512K x 16, operates from a single + 5 volt
supply, has a static standby mode, and features fast
single address location programming. All programming
signals are TTL levels, requiring a single pulse. For
programming outside from the system, existing
EPROM programmers may be used. The MX27C8111
supports a intelligent fast programming algorithm which
can result in programming time of less than two minutes.
SOP
MX27C8111 provides Page Read Access Mode which
can greatly reduce the read access time. Normal read
access time and Page Mode read access time is as fast
as 90/50ns. It is designed to be compatible with all
microprocessors and similar applications in which high
perofmrance, large bit storage and simple interfacing
are important design considerations.
This One Time Programmable Read Only Memory is
packaged in industry standard 42 pin dual-in-line plastic
package and 44 pin SOP packages.
MX27C8111
8M-BIT [1M x8/512K x16] CMOS OTP ROM
WITH PAGE MODE
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
NC
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
GND
OE
Q0
Q8
Q1
Q9
Q2
Q10
Q3
Q11
NC
NC
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE/VPP
GND
Q15/A1
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
GND
OE
Q0
Q8
Q1
Q9
Q2
Q10
Q3
Q11
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
NC
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE/VPP
GND
Q15/A-1
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
PRELIMINARY


Similar Part No. - MX27C8111PC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C8100 MCNIX-MX27C8100 Datasheet
523Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM
MX27C8100MC-10 MCNIX-MX27C8100MC-10 Datasheet
523Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM
MX27C8100MC-12 MCNIX-MX27C8100MC-12 Datasheet
523Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM
MX27C8100MC-15 MCNIX-MX27C8100MC-15 Datasheet
523Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM
MX27C8100MC-20 MCNIX-MX27C8100MC-20 Datasheet
523Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM
More results

Similar Description - MX27C8111PC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C8100 MCNIX-MX27C8100 Datasheet
523Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM
MX27C4000A MCNIX-MX27C4000A Datasheet
932Kb / 15P
   4M-BIT [512K x8] CMOS OTP ROM
MX27C4111 MCNIX-MX27C4111 Datasheet
522Kb / 15P
   4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE
MX27C8000A MCNIX-MX27C8000A Datasheet
936Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000 MCNIX-MX27C8000_97 Datasheet
92Kb / 13P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000 MCNIX-MX27C8000 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
logo
OKI electronic componet...
MR27V3266D OKI-MR27V3266D Datasheet
234Kb / 36P
   2M x16 / 1M x32 Synchronous OTP ROM
logo
Macronix International
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
logo
AMIC Technology
A23L2617 AMICC-A23L2617 Datasheet
213Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
A23L26166 AMICC-A23L26166 Datasheet
197Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com