Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27C2048 Datasheet(PDF) 7 Page - Macronix International

Part # 27C2048
Description  2M-BIT [256Kx8/128x16] CMOS EPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

27C2048 Datasheet(HTML) 7 Page - Macronix International

Back Button 27C2048 Datasheet HTML 3Page - Macronix International 27C2048 Datasheet HTML 4Page - Macronix International 27C2048 Datasheet HTML 5Page - Macronix International 27C2048 Datasheet HTML 6Page - Macronix International 27C2048 Datasheet HTML 7Page - Macronix International 27C2048 Datasheet HTML 8Page - Macronix International 27C2048 Datasheet HTML 9Page - Macronix International 27C2048 Datasheet HTML 10Page - Macronix International 27C2048 Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
MX27C2100/27C2048
P/N: PM0158
REV. 4.5, JAN. 14, 2003
SWITCHING TEST CIRCUITS
SWITCHING TEST WAVEFORMS
DEVICE
UNDER
TEST
DIODES = IN3064
OR EQUIVALENT
CL = 100 pF including jig capacitance (30pF for MX27C2100/2048-70 and MX27C2048-55)
6.2K ohm
1.8K ohm
+5V
CL
2.0V
0.8V
TEST POINTS
INPUT
2.0V
0.8V
OUTPUT
AC TESTING: AC driving levels are 3.0V/0V.
Input pulse rise and fall times are < 10ns.
AC driving levels
1.5V
TEST POINTS
INPUT
1.5V
OUTPUT
AC TESTING: (1) AC driving levels are 3.0V/0V for commercial grade.
Input pulse rise and fall times are < 10ns.
(2) For MX27C2100/2048-70 and MX27C2048-55.
AC driving levels


Similar Part No. - 27C2048

ManufacturerPart #DatasheetDescription
logo
Macronix International
27C2000-10 MCNIX-27C2000-10 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
27C2000-12 MCNIX-27C2000-12 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
27C2000-15 MCNIX-27C2000-15 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
27C2000-35 MCNIX-27C2000-35 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
27C2000-45 MCNIX-27C2000-45 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
More results

Similar Description - 27C2048

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27L2000 MCNIX-MX27L2000 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
MAX27L2000 MCNIX-MAX27L2000 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX29F200CT MCNIX-MX29F200CT Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200T MCNIX-MX29F200T Datasheet
720Kb / 46P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
logo
ON Semiconductor
LE25U20AMB-AH ONSEMI-LE25U20AMB-AH Datasheet
140Kb / 21P
   2M-bit (256Kx8)Serial Flash Memory
July, 2013
logo
Macronix International
MX26L3220 MCNIX-MX26L3220 Datasheet
1Mb / 38P
   32M-BIT [2M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX26C2000B MCNIX-MX26C2000B Datasheet
1,016Kb / 23P
   2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
logo
Toshiba Semiconductor
T4773 TOSHIBA-T4773 Datasheet
105Kb / 5P
   CMOS 256K-BIT EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com