Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX27L4000 Datasheet(PDF) 6 Page - Macronix International

Part # MX27L4000
Description  4M-BIT [512K x8] LOW VOLTAGE OPERATION CMOS EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27L4000 Datasheet(HTML) 6 Page - Macronix International

Back Button MX27L4000 Datasheet HTML 2Page - Macronix International MX27L4000 Datasheet HTML 3Page - Macronix International MX27L4000 Datasheet HTML 4Page - Macronix International MX27L4000 Datasheet HTML 5Page - Macronix International MX27L4000 Datasheet HTML 6Page - Macronix International MX27L4000 Datasheet HTML 7Page - Macronix International MX27L4000 Datasheet HTML 8Page - Macronix International MX27L4000 Datasheet HTML 9Page - Macronix International MX27L4000 Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
MX27L4000
REV. 2.7, AUG. 26, 2003
P/N: PM00255
DC CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
VOH
Output High Voltage
VCC-0.3
V
IOH = -100uA, VCC = 3.0V
VOL
Output Low Voltage
0.3
V
IOL = 2.1mA,VCC = 3.0V
VIH
Input High Voltage
2.0
VCC+0.5
V
VIL
Input Low Voltage
-0.3
0.6
V
ILI
Input Leakage Current
-10
10
uA
VIN = 0 to 3.6V
ILO
Output Leakage Current
-10
10
uA
VOUT = 0 to 3.6V
ICC3
VCC Power-Down Current
50
uA
CE = VCC ± 0.3V
ICC2
VCC Standby Current
0.25
mA
CE = VIH
ICC1
VCC Active Current
20
mA
CE = VIL, f=5MHz, Iout = 0mA,
VCC =3.6V
IPP
VPP Supply Current Read
10
uA
CE = OE = VIL, VPP = VCC
NOTICE:
Stresses greater than those listed under ABSOLUTE
MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation
of the device at these or any other conditions above those
indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for
extended period may affect reliability.
NOTICE:
Specifications contained within the following tables are sub-
ject to change.
DC/AC Operating Conditions for Read Operation
ABSOLUTE MAXIMUM RATINGS
RATING
VALUE
Ambient Operating Temperature -40oC to 85oC
Storage Temperature
-65oC to 125oC
Applied Input Voltage
-0.5V to 7.0V
Applied Output Voltage
-0.5V to VCC+0.5V
VCC to Ground Potential
-0.5V to 7.0V
V9 & VPP
-0.5V to 13.5V
MX27L4000
-20
-25
Operating Temperature
Commercial
0°C to 70°C0°C to 70°C
Industrial
-40°C to 85°C
-40°C to 85°C
VCC Power Supply
2.7V to 3.6V
2.7V to 3.6V
CAPACITANCE TA = 25oC, f = 1.0 MHz (Sampled only)
SYMBOL
PARAMETER
TYP.
MAX.
UNIT
CONDITIONS
CIN
Input Capacitance
8
12
pF
VIN = 0V
COUT
Output Capacitance
8
12
pF
VOUT = 0V
CVPP
VPP Capacitance
18
25
pF
VPP = 0V


Similar Part No. - MX27L4000

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27L1000 MCNIX-MX27L1000 Datasheet
958Kb / 15P
   1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
MX27L1000MC-12 MCNIX-MX27L1000MC-12 Datasheet
958Kb / 15P
   1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
MX27L1000MC-15 MCNIX-MX27L1000MC-15 Datasheet
958Kb / 15P
   1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
MX27L1000MC-20 MCNIX-MX27L1000MC-20 Datasheet
958Kb / 15P
   1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
MX27L1000MC-25 MCNIX-MX27L1000MC-25 Datasheet
958Kb / 15P
   1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
More results

Similar Description - MX27L4000

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C4000 MCNIX-MX27C4000 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27C4111 MCNIX-MX27C4111 Datasheet
522Kb / 15P
   4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE
MX27C4000A MCNIX-MX27C4000A Datasheet
932Kb / 15P
   4M-BIT [512K x8] CMOS OTP ROM
MX27L1000 MCNIX-MX27L1000 Datasheet
958Kb / 15P
   1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
MX27L256 MCNIX-MX27L256 Datasheet
761Kb / 14P
   256K-BIT [32Kx8] LOW VOLTAGE OPERATION CMOS EPROM
MX26C4000B MCNIX-MX26C4000B Datasheet
957Kb / 20P
   4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX27C4100 MCNIX-MX27C4100 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
MX27C512 MCNIX-MX27C512 Datasheet
759Kb / 15P
   512K-BIT [64Kx8] CMOS EPROM
MX27C8000A MCNIX-MX27C8000A Datasheet
936Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000 MCNIX-MX27C8000_97 Datasheet
92Kb / 13P
   8M-BIT [1M x8] CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com