Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX27C8000MC-12 Datasheet(PDF) 9 Page - Macronix International

Part # MX27C8000MC-12
Description  8M-BIT [1M x8] CMOS EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C8000MC-12 Datasheet(HTML) 9 Page - Macronix International

Back Button MX27C8000MC-12 Datasheet HTML 5Page - Macronix International MX27C8000MC-12 Datasheet HTML 6Page - Macronix International MX27C8000MC-12 Datasheet HTML 7Page - Macronix International MX27C8000MC-12 Datasheet HTML 8Page - Macronix International MX27C8000MC-12 Datasheet HTML 9Page - Macronix International MX27C8000MC-12 Datasheet HTML 10Page - Macronix International MX27C8000MC-12 Datasheet HTML 11Page - Macronix International MX27C8000MC-12 Datasheet HTML 12Page - Macronix International MX27C8000MC-12 Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
MX27C8000
REV. 3.6, NOV. 19, 2002
P/N: PM00259
PLASTIC PACKAGE
PART NO.
ACCESS TIME(ns)
OPERATING CURRENT MAX.(mA) STANDBY CURRENT MAX.(uA) PACKAGE
MX27C8000PC-10
100
60
100
32 Pin DIP
MX27C8000QC-10 100
60
100
32 Pin PLCC
MX27C8000MC-10 100
60
100
32 Pin SOP
MX27C8000TC-10
100
60
100
32 Pin TSOP
MX27C8000PC-12
120
60
100
32 Pin DIP
MX27C8000QC-12 120
60
100
32 Pin PLCC
MX27C8000MC-12 120
60
100
32 Pin SOP
MX27C8000TC-12
120
60
100
32 Pin TSOP
MX27C8000PC-15
150
60
100
32 Pin DIP
MX27C8000QC-15 150
60
100
32 Pin PLCC
MX27C8000MC-15 150
60
100
32 Pin SOP
MX27C8000TC-15
150
60
100
32 Pin TSOP
ORDERING INFORMATION


Similar Part No. - MX27C8000MC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C8000 MCNIX-MX27C8000 Datasheet
92Kb / 13P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000A MCNIX-MX27C8000A Datasheet
936Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000AMC-10 MCNIX-MX27C8000AMC-10 Datasheet
936Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000AMC-12 MCNIX-MX27C8000AMC-12 Datasheet
936Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000AMC-15 MCNIX-MX27C8000AMC-15 Datasheet
936Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
More results

Similar Description - MX27C8000MC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C8000 MCNIX-MX27C8000_97 Datasheet
92Kb / 13P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000A MCNIX-MX27C8000A Datasheet
936Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C8100 MCNIX-MX27C8100 Datasheet
523Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM
MX27C4000 MCNIX-MX27C4000 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
logo
Sharp Corporation
LHF08S50 SHARP-LHF08S50 Datasheet
1Mb / 34P
   8M Flash Memory 1M (x8)
logo
Macronix International
MX27C8111 MCNIX-MX27C8111 Datasheet
488Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM WITH PAGE MODE
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
SPANSION
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com