Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX27C4000AQC-12 Datasheet(PDF) 1 Page - Macronix International

Part # MX27C4000AQC-12
Description  4M-BIT [512K x8] CMOS OTP ROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C4000AQC-12 Datasheet(HTML) 1 Page - Macronix International

  MX27C4000AQC-12 Datasheet HTML 1Page - Macronix International MX27C4000AQC-12 Datasheet HTML 2Page - Macronix International MX27C4000AQC-12 Datasheet HTML 3Page - Macronix International MX27C4000AQC-12 Datasheet HTML 4Page - Macronix International MX27C4000AQC-12 Datasheet HTML 5Page - Macronix International MX27C4000AQC-12 Datasheet HTML 6Page - Macronix International MX27C4000AQC-12 Datasheet HTML 7Page - Macronix International MX27C4000AQC-12 Datasheet HTML 8Page - Macronix International MX27C4000AQC-12 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
REV. 1.6, JUL. 19, 2001
P/N: PM00694
PIN CONFIGURATIONS
32 PDIP/SOP
PIN DESCRIPTION
FEATURES
512K x 8 organization
Single +5V power supply
+12.5V programming voltage
Fast access time: 90/100/120/150 ns
Totally static operation
Completely TTL compatible
Operating current: 40mA
Standby current: 100uA
Package type:
- 32 pin PDIP
- 32 pin PLCC
- 32 pin SOP
- 32 pin TSOP
SYMBOL
PIN NAME
A0~A18
Address Input
Q0~Q7
Data Input/Output
CE
Chip Enable Input
OE
Output Enable Input
VPP
Program Supply Voltage
VCC
Power Supply Pin (+5V)
GND
Ground Pin
MX27C4000A
4M-BIT [512K x8] CMOS OTP ROM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
Q0
Q1
Q2
GND
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
A18
A17
A14
A13
A8
A9
A11
OE
A10
CE
Q7
Q6
Q5
Q4
Q3
PRELIMINARY
1
4
5
9
13
14
17
20
21
25
29
32
30
A14
A13
A8
A9
A11
OE
A10
CE
Q7
A7
A6
A5
A4
A3
A2
A1
A0
Q0
MX27C4000A
32 PLCC
A11
A9
A8
A13
A14
A17
A18
VCC
VPP
A16
A15
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OE
A10
CE
Q7
Q6
Q5
Q4
Q3
GND
Q2
Q1
Q0
A0
A1
A2
A3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
MX27C4000A
32 TSOP
GENERAL DESCRIPTION
The MX27C4000A is a 5V only, 4M-bit, One Time
Programmable Read Only Memory. It is organized as
512K words by 8 bits per word, operates from a single
+5 volt supply, has a static standby mode, and features
fast single address location programming. All program-
ming signals are TTL levels, requiring a single pulse. For
programming outside from the system, existing EPROM
programmers may be used.
The MX27C4000A
supports a intelligent fast programming algorithm which
can result in programming time of less than two minutes.
This One Time Programmable Read Only Memory is
packaged in industry standard 32 pin dual-in-line plastic,
32 lead PLCC, 32 lead SOP, 32 lead TSOP packages.


Similar Part No. - MX27C4000AQC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C4000 MCNIX-MX27C4000 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27C4000MC-10 MCNIX-MX27C4000MC-10 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27C4000MC-12 MCNIX-MX27C4000MC-12 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27C4000MC-15 MCNIX-MX27C4000MC-15 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27C4000MC-90 MCNIX-MX27C4000MC-90 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
More results

Similar Description - MX27C4000AQC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C8100 MCNIX-MX27C8100 Datasheet
523Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM
MX27C4000 MCNIX-MX27C4000 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27C8111 MCNIX-MX27C8111 Datasheet
488Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM WITH PAGE MODE
logo
Toshiba Semiconductor
TC534000P TOSHIBA-TC534000P Datasheet
170Kb / 4P
   4M BIT (512K WORDX8 BIT) CMOS MASK ROM SILICON GATE CMOS
logo
Macronix International
MX27L4000 MCNIX-MX27L4000 Datasheet
955Kb / 15P
   4M-BIT [512K x8] LOW VOLTAGE OPERATION CMOS EPROM
MX27C4111 MCNIX-MX27C4111 Datasheet
522Kb / 15P
   4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE
logo
Holtek Semiconductor In...
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
   CMOS 512K 8-Bit OTP EPROM
logo
Samsung semiconductor
KM23C4100DT SAMSUNG-KM23C4100DT Datasheet
72Kb / 4P
   4M-Bit (512Kx8 /256Kx16) CMOS MASK ROM
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
logo
List of Unclassifed Man...
MX23C4096 ETC-MX23C4096 Datasheet
53Kb / 6P
   4M-BIT [256K x 16] CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com