Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV4968-1T Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLV4968-1T
Description  High Precision Hall Effect Latch for Consumer Applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLV4968-1T Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLV4968-1T Datasheet HTML 5Page - Infineon Technologies AG TLV4968-1T Datasheet HTML 6Page - Infineon Technologies AG TLV4968-1T Datasheet HTML 7Page - Infineon Technologies AG TLV4968-1T Datasheet HTML 8Page - Infineon Technologies AG TLV4968-1T Datasheet HTML 9Page - Infineon Technologies AG TLV4968-1T Datasheet HTML 10Page - Infineon Technologies AG TLV4968-1T Datasheet HTML 11Page - Infineon Technologies AG TLV4968-1T Datasheet HTML 12Page - Infineon Technologies AG TLV4968-1T Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Data Sheet
9
Revision 1.0, 2015-05-18
TLV4968-1T
Functional Description
2.6
Default Start-up Behavior
The magnetic thresholds exhibit a hysteresis
BHYS = BOP - BRP In case of a power-on with a magnetic field B
within hysteresis (
BOP > B > BRP) the output of the sensor is set to the pull up voltage level (VQ) per default. After
the first crossing of
BOP or BRP of the magnetic field the internal decision logic is set to the corresponding
magnetic input value.
VDDA is the internal supply voltage which is following the external supply voltage VDD.
This means for
B > BOP the output is switching, for B < BRP and BOP > B > BRP the output stays at VQ.
Figure 6
Illustration of the Start-up Behavior of the TLV4968-1T
t
3V
t
t
VQ
t
B > BOP
B < BRP
BOP > B > BRP
Magnetic field above threshold
Magnetic field below threshold
Magnetic field in hysteresis
Power on ramp
The device always applies
VQ level at start -up
independent from the
applied magnetic field !
VQ
VQ
VDDA
tPon


Similar Part No. - TLV4968-1T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4961-1T INFINEON-TLV4961-1T Datasheet
719Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-19
TLV4961-1T INFINEON-TLV4961-1T_15 Datasheet
719Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-19
TLV4961-3T INFINEON-TLV4961-3T Datasheet
723Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-18
TLV4961-3T INFINEON-TLV4961-3T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-18
TLV4964-4T INFINEON-TLV4964-4T Datasheet
723Kb / 19P
   High Precision Hall Effect Switch for Consumer Applications
Revision 1.0, 2015-05-18
More results

Similar Description - TLV4968-1T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4961-1T INFINEON-TLV4961-1T_15 Datasheet
719Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-19
TLV4961-3T INFINEON-TLV4961-3T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-18
TLV4964-5T INFINEON-TLV4964-5T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Switch for Consumer Applications
Revision 1.0, 2015-05-18
TLV4964-4T INFINEON-TLV4964-4T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Switch for Consumer Applications
Revision 1.0, 2015-05-18
TLI4963-2M INFINEON-TLI4963-2M_16 Datasheet
672Kb / 17P
   High Precision Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-11
TLI4963-1M INFINEON-TLI4963-1M_16 Datasheet
673Kb / 17P
   High Precision Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-11
TLI4946 INFINEON-TLI4946 Datasheet
468Kb / 17P
   High Precision Hall Effect Latches for Industrial and Consumer Applications
2009-05-04
TLI4906 INFINEON-TLI4906 Datasheet
458Kb / 17P
   High Precision Hall Effect Switches for Industrial and Consumer Applications
May 2009 Rev. 1.0
logo
Allegro MicroSystems
APS13295 ALLEGRO-APS13295 Datasheet
656Kb / 14P
   Precision Hall-Effect Switch for Consumer and Industrial Applications
APS13290 ALLEGRO-APS13290 Datasheet
991Kb / 15P
   Precision Hall-Effect Latches for Consumer and Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com