Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX27C4000TC-12 Datasheet(PDF) 2 Page - Macronix International

Part # MX27C4000TC-12
Description  4M-BIT [512K x8] CMOS EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C4000TC-12 Datasheet(HTML) 2 Page - Macronix International

  MX27C4000TC-12 Datasheet HTML 1Page - Macronix International MX27C4000TC-12 Datasheet HTML 2Page - Macronix International MX27C4000TC-12 Datasheet HTML 3Page - Macronix International MX27C4000TC-12 Datasheet HTML 4Page - Macronix International MX27C4000TC-12 Datasheet HTML 5Page - Macronix International MX27C4000TC-12 Datasheet HTML 6Page - Macronix International MX27C4000TC-12 Datasheet HTML 7Page - Macronix International MX27C4000TC-12 Datasheet HTML 8Page - Macronix International MX27C4000TC-12 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
MX27C4000
REV. 3.8, AUG. 26, 2003
P/N: PM00192
FUNCTIONAL DESCRIPTION
THE PROGRAMMING OF THE MX27C4000
When the MX27C4000 is delivered, or it is erased, the
chip has all 4M bits in the "ONE" or HIGH state.
"ZEROs" are loaded into the MX27C4000 through the
procedure of programming.
For programming, the data to be programmed is applied
with 8 bits in parallel to the data pins.
Vcc must be applied simultaneously or before Vpp, and
removed simultaneously or after Vpp.
When
programming an MXIC EPROM, a 01uF capacitor is
required across Vpp and ground to suppress spurious
voltage transients which may damage the device.
FAST PROGRAMMING
The device is set up in the fast programming mode when
the programming voltage VPP = 12.75V is applied, with
VCC = 6.25 V and OE = VIH (Algorithm is shown in
Figure 1). The programming is achieved by applying a
single TTL low level 100us pulse to the CE input after
addresses and data line are stable. If the data is not
verified, an additional pulse is applied for a maximum of
25 pulses. This process is repeated while sequencing
through each address of the device.
When the
programming mode is completed, the data in all address
is verified at VCC = VPP = 5V ± 10%.
PROGRAM INHIBIT MODE
Programming of multiple MX27C4000s in parallel with
different data is also easily accomplished by using the
Program Inhibit Mode. Except for CE and OE, all like
inputs of the parallel MX27C4000 may be common. A
TTL low-level program pulse applied to an MX27C4000
CE input with VPP = 12.5 ± 0.5 V and CE LOW will
program that MX27C4000. A high-level CE input inhibits
the other MX27C4000s from being programmed.
PROGRAM VERIFY MODE
Verification should be performed on the programmed
bits to determine that they were correctly programmed.
The verification should be performed with OE and CEat
VIL, and VPP at its programming voltage.
AUTO IDENTIFY MODE
The auto identify mode allows the reading out of a binary
code from an EPROM that will identify its manufacturer
and device type. This mode is intended for use by
programming equipment for the purpose of
automatically matching the device to be programmed
with its corresponding programming algorithm. This
mode is functional in the 25°C ± 5°C ambient
temperature range that is required when programming
the MX27C4000.
To activate this mode, the programming equipment
must force 12.0 ± 0.5 V on address line A9 of the device.
Two identifier bytes may then be sequenced from the
device outputs by toggling address line A0 from VIL to
VIH. All other address lines must be held at VIL during
auto identify mode.
Byte 0 ( A0 = VIL) represents the manufacturer code,
and byte 1 (A0 = VIH), the device identifier code. For the
MX27C4000, these two identifier bytes are given in the
Mode Select Table. All identifiers for manufacturer and
device codes will possess odd parity, with the MSB (Q7)
defined as the parity bit.
READ MODE
The MX27C4000 has two control functions, both of
which must be logically satisfied in order to obtain data
at the outputs. Chip Enable (CE) is the power control
and should be used for device selection. Output Enable
(OE) is the output control and should be used to gate
data to the output pins, independent of device selection.
Assuming that addresses are stable, address access
time (tACC) is equal to the delay from CE to output (tCE).
Data is available at the outputs tOE after the falling edge
of OE's, assuming that CE has been LOW and
addresses have been stable for at least tACC - tOE.
STANDBY MODE
The MX27C4000 has a CMOS standby mode which
reduces the maximum VCC current to 100 uA. It is
placed in CMOS standby when CE is at VCC ± 0.3 V.
The MX27C4000 also has a TTL-standby mode which
reduces the maximum VCC current to 1.5 mA. It is
placed in TTL-standby when CE is at VIH. When in
standby mode, the outputs are in a high-impedance
state, independent of the OE input.


Similar Part No. - MX27C4000TC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C4000A MCNIX-MX27C4000A Datasheet
932Kb / 15P
   4M-BIT [512K x8] CMOS OTP ROM
MX27C4000AMC-10 MCNIX-MX27C4000AMC-10 Datasheet
932Kb / 15P
   4M-BIT [512K x8] CMOS OTP ROM
MX27C4000AMC-12 MCNIX-MX27C4000AMC-12 Datasheet
932Kb / 15P
   4M-BIT [512K x8] CMOS OTP ROM
MX27C4000AMC-15 MCNIX-MX27C4000AMC-15 Datasheet
932Kb / 15P
   4M-BIT [512K x8] CMOS OTP ROM
MX27C4000AMC-90 MCNIX-MX27C4000AMC-90 Datasheet
932Kb / 15P
   4M-BIT [512K x8] CMOS OTP ROM
More results

Similar Description - MX27C4000TC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27L4000 MCNIX-MX27L4000 Datasheet
955Kb / 15P
   4M-BIT [512K x8] LOW VOLTAGE OPERATION CMOS EPROM
MX27C4111 MCNIX-MX27C4111 Datasheet
522Kb / 15P
   4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE
MX27C4000A MCNIX-MX27C4000A Datasheet
932Kb / 15P
   4M-BIT [512K x8] CMOS OTP ROM
MX26C4000B MCNIX-MX26C4000B Datasheet
957Kb / 20P
   4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX27C4100 MCNIX-MX27C4100 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
MX27C512 MCNIX-MX27C512 Datasheet
759Kb / 15P
   512K-BIT [64Kx8] CMOS EPROM
MX27C8000A MCNIX-MX27C8000A Datasheet
936Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000 MCNIX-MX27C8000_97 Datasheet
92Kb / 13P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000 MCNIX-MX27C8000 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
   CMOS 512K 8-Bit OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com