Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX27C2000APC-15 Datasheet(PDF) 9 Page - Macronix International

Part # MX27C2000APC-15
Description  2M-BIT [256K x 8] CMOS EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C2000APC-15 Datasheet(HTML) 9 Page - Macronix International

Back Button MX27C2000APC-15 Datasheet HTML 5Page - Macronix International MX27C2000APC-15 Datasheet HTML 6Page - Macronix International MX27C2000APC-15 Datasheet HTML 7Page - Macronix International MX27C2000APC-15 Datasheet HTML 8Page - Macronix International MX27C2000APC-15 Datasheet HTML 9Page - Macronix International MX27C2000APC-15 Datasheet HTML 10Page - Macronix International MX27C2000APC-15 Datasheet HTML 11Page - Macronix International MX27C2000APC-15 Datasheet HTML 12Page - Macronix International MX27C2000APC-15 Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
REV. 2.0, AUG. 27, 2003
P/N: PM0708
MX27C2000A
ORDERING INFORMATION
PLASTIC PACKAGE
PART NO.
ACCESS TIME
OPERATING
STANDBY
OPERATING
PACKAGE
(ns)
Current MAX.(mA)
Current MAX.(uA)
TEMPERATURE
MX27C2000APC-90
90
30
100
0°C to 70°C
32 Pin DIP
MX27C2000AQC-90
90
30
100
0°C to 70°C
32 Pin PLCC
MX27C2000AMC-90
90
30
100
0°C to 70°C
32 Pin SOP
MX27C2000ATC-90
90
30
100
0°C to 70°C
32 Pin TSOP
MX27C2000APC-10
100
30
100
0°C to 70°C
32 Pin DIP
MX27C2000AQC-10
100
30
100
0°C to 70°C
32 Pin PLCC
MX27C2000AMC-10
100
30
100
0°C to 70°C
32 Pin SOP
MX27C2000ATC-10
100
30
100
0°C to 70°C
32 Pin TSOP
MX27C2000APC-12
120
30
100
0°C to 70°C
32 Pin DIP
MX27C2000AQC-12
120
30
100
0°C to 70°C
32 Pin PLCC
MX27C2000AMC-12
120
30
100
0°C to 70°C
32 Pin SOP
MX27C2000ATC-12
120
30
100
0°C to 70°C
32 Pin TSOP
MX27C2000APC-15
150
30
100
0°C to 70°C
32 Pin DIP
MX27C2000AQC-15
150
30
100
0°C to 70°C
32 Pin PLCC
MX27C2000AMC-15
150
30
100
0°C to 70°C
32 Pin SOP
MX27C2000ATC-15
150
30
100
0°C to 70°C
32 Pin TSOP
MX27C2000API-90
90
30
100
-40°C to 85°C
32 Pin DIP
MX27C2000AQI-90
90
30
100
-40°C to 85°C
32 Pin PLCC
MX27C2000AMI-90
90
30
100
-40°C to 85°C
32 Pin SOP
MX27C2000ATI-90
90
30
100
-40°C to 85°C
32 Pin TSOP
MX27C2000API-10
100
30
100
-40°C to 85°C
32 Pin DIP
MX27C2000AQI-10
100
30
100
-40°C to 85°C
32 Pin PLCC
MX27C2000AMI-10
100
30
100
-40°C to 85°C
32 Pin SOP
MX27C2000ATI-10
100
30
100
-40°C to 85°C
32 Pin TSOP
MX27C2000API-12
120
30
100
-40°C to 85°C
32 Pin DIP
MX27C2000AQI-12
120
30
100
-40°C to 85°C
32 Pin PLCC
MX27C2000AMI-12
120
30
100
-40°C to 85°C
32 Pin SOP
MX27C2000ATI-12
120
30
100
-40°C to 85°C
32 Pin TSOP
MX27C2000API-15
150
30
100
-40°C to 85°C
32 Pin DIP
MX27C2000AQI-15
150
30
100
-40°C to 85°C
32 Pin PLCC
MX27C2000AMI-15
150
30
100
-40°C to 85°C
32 Pin SOP
MX27C2000ATI-15
150
30
100
-40°C to 85°C
32 Pin TSOP


Similar Part No. - MX27C2000APC-15

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000MC-10 MCNIX-MX27C2000MC-10 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000MC-12 MCNIX-MX27C2000MC-12 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000MC-15 MCNIX-MX27C2000MC-15 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000MC-35 MCNIX-MX27C2000MC-35 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
More results

Similar Description - MX27C2000APC-15

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
MX26C2000B MCNIX-MX26C2000B Datasheet
1,016Kb / 23P
   2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
AMIC Technology
A27020 AMICC-A27020 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A AMICC-A27020A Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com