Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX27C1000MC-10 Datasheet(PDF) 7 Page - Macronix International

Part # MX27C1000MC-10
Description  1M-BIT [128K x 8] CMOS EPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C1000MC-10 Datasheet(HTML) 7 Page - Macronix International

Back Button MX27C1000MC-10 Datasheet HTML 3Page - Macronix International MX27C1000MC-10 Datasheet HTML 4Page - Macronix International MX27C1000MC-10 Datasheet HTML 5Page - Macronix International MX27C1000MC-10 Datasheet HTML 6Page - Macronix International MX27C1000MC-10 Datasheet HTML 7Page - Macronix International MX27C1000MC-10 Datasheet HTML 8Page - Macronix International MX27C1000MC-10 Datasheet HTML 9Page - Macronix International MX27C1000MC-10 Datasheet HTML 10Page - Macronix International MX27C1000MC-10 Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
MX27C1000
REV. 6.0, AUG. 26, 2003
P/N: PM0234
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
VOH
Output High Voltage
2.4
V
IOH = -0.4mA
VOL
Output Low Voltage
0.4
V
IOL = 2.1mA
VIH
Input High Voltage
2.0
VCC + 0.5
V
VIL
Input Low Voltage
-0.2
0.8
V
ILI
Input Leakage Current
-10
10
uA
VIN = 0 to 5.5V
ILO
Output Leakage Current
-10
10
uA
VOUT = 0 to 5.5V
ICC3
VCC Power-Down Current
100
uA
CE = VCC ± 0.3V
ICC2
VCC Standby Current
1.5
mA
CE = VIH
ICC1
VCC Active Current
30
mA
CE = VIL, f=5MHz, Iout = 0mA
IPP
VPP Supply Current Read
10
uA
CE = VIL, VPP = 5.5V
NOTICE:
Stresses greater than those listed under ABSOLUTE
MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation
of the device at these or any other conditions above those
indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for
extended period may affect reliability.
NOTICE:
Specifications contained within the following tables are sub-
ject to change.
DC CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
RATING
VALUE
Ambient Operating Temperature -40oC to 125oC
Storage Temperature
-65oC to 125oC
Applied Input Voltage
-0.5V to 7.0V
Applied Output Voltage
-0.5V to VCC + 0.5V
VCC to Ground Potential
-0.5V to 7.0V
A9 & Vpp
-0.5V to 13.5V
DC/AC Operating Conditions for Read Operation
MX27C1000
-45
-55
-70
-90
-10
-12
-15
Operating
Commercial
0°C to 70°C0°C to 70°C0°C to 70°C0°C to 70°C0°C to 70°C0°C to 70°C0°C to 70°C
Temperature Industrial
-40°C to 85°C -40°C to 85°C -40°C to 85°C -40°C to 85°C -40°C to 85°C-40°C to 85°C
Automotive
-40°C to 125°C -40°C to 125°C -40°C to 125°C-40°C to 125°C
Vcc Power Supply
5V ± 5%
5V ± 5%
5V ± 10%
5V ±10%
5V ± 10%
5V ± 10%
5V ± 10%
CAPACITANCE TA = 25oC, f = 1.0 MHz (Sampled only)
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
CIN
Input Capacitance
8
12
pF
VIN = 0V
COUT
Output Capacitance
8
12
pF
VOUT = 0V
Vpp
VPP Capacitance
18
25
pF
VPP = 0V


Similar Part No. - MX27C1000MC-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C1000MI-12 MCNIX-MX27C1000MI-12 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000MI-70 MCNIX-MX27C1000MI-70 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000MI-90 MCNIX-MX27C1000MI-90 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
More results

Similar Description - MX27C1000MC-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1100 MCNIX-MX27C1100 Datasheet
786Kb / 19P
   1M-BIT [128K x 8/64K x 16] CMOS EPROM
MX26C1000A MCNIX-MX26C1000A Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000B MCNIX-MX26C1000B Datasheet
1,016Kb / 23P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
logo
Holtek Semiconductor In...
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
   Military 128K x 8 CMOS EPROM
logo
Microchip Technology
27C128 MICROCHIP-27C128_04 Datasheet
146Kb / 10P
   128K (16K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com