Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX27C4096PC-10 Datasheet(PDF) 5 Page - Macronix International

Part # MX27C4096PC-10
Description  4M-BIT [512K x 8/256K x 16] CMOS EPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C4096PC-10 Datasheet(HTML) 5 Page - Macronix International

  MX27C4096PC-10 Datasheet HTML 1Page - Macronix International MX27C4096PC-10 Datasheet HTML 2Page - Macronix International MX27C4096PC-10 Datasheet HTML 3Page - Macronix International MX27C4096PC-10 Datasheet HTML 4Page - Macronix International MX27C4096PC-10 Datasheet HTML 5Page - Macronix International MX27C4096PC-10 Datasheet HTML 6Page - Macronix International MX27C4096PC-10 Datasheet HTML 7Page - Macronix International MX27C4096PC-10 Datasheet HTML 8Page - Macronix International MX27C4096PC-10 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
REV. 3.6, NOV. 19, 2002
P/N: PM0197
MX27C4100/27C4096
BYTE-WIDE MODE
With BYTE/VPP at GND ± 0.2V, outputs Q8-15 are tri-
stated. If Q15/A-1 = VIH, outputs Q0-7 present data bits
Q8-15. If Q15/A-1 = VIL, outputs Q0-7 present data bits
Q0-7.
STANDBY MODE
The MX27C4100/4096 has a CMOS standby mode
which reduces the maximum VCC current to 100 uA. It
is placed in CMOS standby when CE is at VCC ± 0.3 V.
The MX27C4100/4096 also has a TTL-standby mode
which reduces the maximum VCC current to 1.5 mA. It
is placed in TTL-standby when CE is at VIH. When in
standby mode, the outputs are in a high-impedance
state, independent of the OE input.
TWO-LINE OUTPUT CONTROL FUNCTION
To accommodate multiple memory connections, a two-
line control function is provided to allow for:
1. Low memory power dissipation,
2. Assurance that output bus contention will not
occur.
It is recommended that CE be decoded and used as the
primary device-selecting function, while OE be made a
common connection to all devices in the array and
connected to the READ line from the system control bus.
This assures that all deselected memory devices are in
their low-power standby mode and that the output pins
are only active when data is desired from a particular
memory device.
SYSTEM CONSIDERATIONS
During the switch between active and standby
conditions, transient current peaks are produced on the
rising and falling edges of Chip Enable. The magnitude
of these transient current peaks is dependent on the
output capacitance loading of the device. At a minimum,
a 0.1 uF ceramic capacitor (high frequency, low inherent
inductance) should be used on each device between
Vcc and GND to minimize transient effects. In addition,
to overcome the voltage drop caused by the inductive
effects of the printed circuit board traces on EPROM
arrays, a 4.7 uF bulk electrolytic capacitor should be
used between VCC and GND for each eight devices.
The location of the capacitor should be close to where
the power supply is connected to the array.


Similar Part No. - MX27C4096PC-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C4000 MCNIX-MX27C4000 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27C4000A MCNIX-MX27C4000A Datasheet
932Kb / 15P
   4M-BIT [512K x8] CMOS OTP ROM
MX27C4000AMC-10 MCNIX-MX27C4000AMC-10 Datasheet
932Kb / 15P
   4M-BIT [512K x8] CMOS OTP ROM
MX27C4000AMC-12 MCNIX-MX27C4000AMC-12 Datasheet
932Kb / 15P
   4M-BIT [512K x8] CMOS OTP ROM
MX27C4000AMC-15 MCNIX-MX27C4000AMC-15 Datasheet
932Kb / 15P
   4M-BIT [512K x8] CMOS OTP ROM
More results

Similar Description - MX27C4096PC-10

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV400TC FUJITSU-MBM29LV400TC Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
MBM29DL400TC FUJITSU-MBM29DL400TC Datasheet
551Kb / 56P
   4M (512K X 8/256K X 16) BIT
MBM29F400TC FUJITSU-MBM29F400TC Datasheet
542Kb / 47P
   4M (512K X 8/256K X 16) BIT
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
MX26C4000B MCNIX-MX26C4000B Datasheet
957Kb / 20P
   4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
logo
AMIC Technology
A23L8316 AMICC-A23L8316 Datasheet
221Kb / 12P
   256K X 16 / 512K X 8 BIT CMOS MASK ROM
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
   4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com