Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX27C4000MC-12 Datasheet(PDF) 10 Page - Macronix International

Part # MX27C4000MC-12
Description  4M-BIT [512K x8] CMOS EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C4000MC-12 Datasheet(HTML) 10 Page - Macronix International

Back Button MX27C4000MC-12 Datasheet HTML 6Page - Macronix International MX27C4000MC-12 Datasheet HTML 7Page - Macronix International MX27C4000MC-12 Datasheet HTML 8Page - Macronix International MX27C4000MC-12 Datasheet HTML 9Page - Macronix International MX27C4000MC-12 Datasheet HTML 10Page - Macronix International MX27C4000MC-12 Datasheet HTML 11Page - Macronix International MX27C4000MC-12 Datasheet HTML 12Page - Macronix International MX27C4000MC-12 Datasheet HTML 13Page - Macronix International MX27C4000MC-12 Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
MX27C4000
REV. 3.8, AUG. 26, 2003
P/N: PM00192
PACKAGE INFORMATION


Similar Part No. - MX27C4000MC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C4000A MCNIX-MX27C4000A Datasheet
932Kb / 15P
   4M-BIT [512K x8] CMOS OTP ROM
MX27C4000AMC-10 MCNIX-MX27C4000AMC-10 Datasheet
932Kb / 15P
   4M-BIT [512K x8] CMOS OTP ROM
MX27C4000AMC-12 MCNIX-MX27C4000AMC-12 Datasheet
932Kb / 15P
   4M-BIT [512K x8] CMOS OTP ROM
MX27C4000AMC-15 MCNIX-MX27C4000AMC-15 Datasheet
932Kb / 15P
   4M-BIT [512K x8] CMOS OTP ROM
MX27C4000AMC-90 MCNIX-MX27C4000AMC-90 Datasheet
932Kb / 15P
   4M-BIT [512K x8] CMOS OTP ROM
More results

Similar Description - MX27C4000MC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27L4000 MCNIX-MX27L4000 Datasheet
955Kb / 15P
   4M-BIT [512K x8] LOW VOLTAGE OPERATION CMOS EPROM
MX27C4111 MCNIX-MX27C4111 Datasheet
522Kb / 15P
   4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE
MX27C4000A MCNIX-MX27C4000A Datasheet
932Kb / 15P
   4M-BIT [512K x8] CMOS OTP ROM
MX26C4000B MCNIX-MX26C4000B Datasheet
957Kb / 20P
   4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX27C4100 MCNIX-MX27C4100 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
MX27C512 MCNIX-MX27C512 Datasheet
759Kb / 15P
   512K-BIT [64Kx8] CMOS EPROM
MX27C8000A MCNIX-MX27C8000A Datasheet
936Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000 MCNIX-MX27C8000_97 Datasheet
92Kb / 13P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000 MCNIX-MX27C8000 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
   CMOS 512K 8-Bit OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com