Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX27C4000ATC-10 Datasheet(PDF) 6 Page - Macronix International

Part # MX27C4000ATC-10
Description  4M-BIT [512K x8] CMOS OTP ROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C4000ATC-10 Datasheet(HTML) 6 Page - Macronix International

Back Button MX27C4000ATC-10 Datasheet HTML 2Page - Macronix International MX27C4000ATC-10 Datasheet HTML 3Page - Macronix International MX27C4000ATC-10 Datasheet HTML 4Page - Macronix International MX27C4000ATC-10 Datasheet HTML 5Page - Macronix International MX27C4000ATC-10 Datasheet HTML 6Page - Macronix International MX27C4000ATC-10 Datasheet HTML 7Page - Macronix International MX27C4000ATC-10 Datasheet HTML 8Page - Macronix International MX27C4000ATC-10 Datasheet HTML 9Page - Macronix International MX27C4000ATC-10 Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
MX27C4000A
REV. 1.6, JUL. 19, 2001
P/N: PM00694
NOTICE:
Stresses greater than those listed under ABSOLUTE
MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation
of the device at these or any other conditions above those
indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for
extended period may affect reliability.
NOTICE:
Specifications contained within the following tables are sub-
ject to change.
ABSOLUTE MAXIMUM RATINGS
RATING
VALUE
Ambient Operating Temperature
-40°C to 85°C
Storage Temperature
-65°C to 125°C
Applied Input Voltage
-0.5V to 7.0V
Applied Output Voltage
-0.5V to VCC + 0.5V
VCC to Ground Potential
-0.5V to 7.0V
A9 & VPP
-0.5V to 13.5V
DC CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
VOH
Output High Voltage
2.4
V
IOH = -0.4mA
VOL
Output Low Voltage
0.4
V
IOL = 2.1mA
VIH
Input High Voltage
2.0
VCC + 0.5
V
VIL
Input Low Voltage
-0.3
0.8
V
ILI
Input Leakage Current
-10
10
uA
VIN = 0 to 5.5V
ILO
Output Leakage Current
-10
10
uA
VOUT = 0 to 5.5V
ICC3
VCC Power-Down Current
100
uA
CE = VCC ± 0.3V
ICC2
VCC Standby Current
1.5
mA
CE = VIH
ICC1
VCC Active Current
40
mA
CE = VIL, f=5MHz, Iout = 0mA
IPP
VPP Supply Current Read
10
uA
CE = OE = VIL, VPP = 5.5V
CAPACITANCE TA = 25oC, f = 1.0 MHz (Sampled only)
SYMBOL
PARAMETER
TYP.
MAX.
UNIT
CONDITIONS
CIN
Input Capacitance
8
15
pF
VIN = 0V
COUT
Output Capacitance
8
15
pF
VOUT = 0V
CVPP
VPP Capacitance
18
25
pF
VPP = 0V
MX27C4000A
-90
-10
-12
-15
Operating Temperature Industrial
-40°C to 85°C
-40°C to 85°C
-40°C to 85°C
-40°C to 85°C
Vcc Power Supply
5V ± 10%
5V ± 10%
5V ± 10%
5V ± 10%
DC/AC OPERATING CONDITION FOR READ OPERATION


Similar Part No. - MX27C4000ATC-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C4000 MCNIX-MX27C4000 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27C4000MC-10 MCNIX-MX27C4000MC-10 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27C4000MC-12 MCNIX-MX27C4000MC-12 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27C4000MC-15 MCNIX-MX27C4000MC-15 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27C4000MC-90 MCNIX-MX27C4000MC-90 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
More results

Similar Description - MX27C4000ATC-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C8100 MCNIX-MX27C8100 Datasheet
523Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM
MX27C4000 MCNIX-MX27C4000 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
MX27C8111 MCNIX-MX27C8111 Datasheet
488Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM WITH PAGE MODE
logo
Toshiba Semiconductor
TC534000P TOSHIBA-TC534000P Datasheet
170Kb / 4P
   4M BIT (512K WORDX8 BIT) CMOS MASK ROM SILICON GATE CMOS
logo
Macronix International
MX27L4000 MCNIX-MX27L4000 Datasheet
955Kb / 15P
   4M-BIT [512K x8] LOW VOLTAGE OPERATION CMOS EPROM
MX27C4111 MCNIX-MX27C4111 Datasheet
522Kb / 15P
   4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE
logo
Holtek Semiconductor In...
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
   CMOS 512K 8-Bit OTP EPROM
logo
Samsung semiconductor
KM23C4100DT SAMSUNG-KM23C4100DT Datasheet
72Kb / 4P
   4M-Bit (512Kx8 /256Kx16) CMOS MASK ROM
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
logo
List of Unclassifed Man...
MX23C4096 ETC-MX23C4096 Datasheet
53Kb / 6P
   4M-BIT [256K x 16] CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com