Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX27C2000QC-55 Datasheet(PDF) 1 Page - Macronix International

Part # MX27C2000QC-55
Description  2M-BIT [256K x 8] CMOS EPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C2000QC-55 Datasheet(HTML) 1 Page - Macronix International

  MX27C2000QC-55 Datasheet HTML 1Page - Macronix International MX27C2000QC-55 Datasheet HTML 2Page - Macronix International MX27C2000QC-55 Datasheet HTML 3Page - Macronix International MX27C2000QC-55 Datasheet HTML 4Page - Macronix International MX27C2000QC-55 Datasheet HTML 5Page - Macronix International MX27C2000QC-55 Datasheet HTML 6Page - Macronix International MX27C2000QC-55 Datasheet HTML 7Page - Macronix International MX27C2000QC-55 Datasheet HTML 8Page - Macronix International MX27C2000QC-55 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
PIN DESCRIPTION
REV. 4.2, AUG. 26, 2003
P/N: PM0157
32 TSOP
FEATURES
256Kx 8 organization
Single +5V power supply
+12.5V programming voltage
Fast access time:35/45/55/70/90/100/120/150 ns
Totally static operation
Completely TTL compatible
Operating current:30mA
Standby current: 100uA
Package type:
- 32 pin plastic DIP
- 32 pin SOP
- 32 pin PLCC
- 32 pin TSOP(I)
GENERAL DESCRIPTION
The MX27C2000 is a 5V only, 2M-bit, One Time
Programmable Read Only Memory. It is organized as
256K words by 8 bits per word, operates from a single +
5 volt supply, has a static standby mode, and features
fast single address location programming. All program-
ming signals are TTL levels, requiring a single pulse. For
programming outside from the system, existing EPROM
programmers may be used. The MX27C2000 supports
a intelligent fast programming algorithm which can result
in programming time of less than one minute.
This EPROM is packaged in industry standard 32 pin
dual-in-line packages, 32 lead SOP, 32 lead PLCC and
32 lead TSOP (I) packages.
PIN CONFIGURATIONS
32 PDIP/SOP
BLOCK DIAGRAM
32 PLCC
SYMBOL
PIN NAME
A0~A17
Address Input
Q0~Q7
Data Input/Output
CE
Chip Enable Input
OE
Output Enable Input
PGM
Programmable Enable Input
VPP
Program Supply Voltage
NC
No Internal Connection
VCC
Power Supply Pin (+5V)
GND
Ground Pin
MX27C2000
2M-BIT[256Kx8]CMOSEPROM
1
4
5
9
13
14
17
20
21
25
29
32
30
A14
A13
A8
A9
A11
OE
A10
CE
Q7
A7
A6
A5
A4
A3
A2
A1
A0
Q0
MX27C2000
A11
A9
A8
A13
A14
A17
PGM
VCC
VPP
A16
A15
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OE
A10
CE
Q7
Q6
Q5
Q4
Q3
GND
Q2
Q1
Q0
A0
A1
A2
A3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
MX27C2000
CONTROL
LOGIC
OUTPUT
BUFFERS
Q0~Q7
CE
PGM
OE
A0~A17
ADDRESS
INPUTS
Y-DECODER
X-DECODER
Y-SELECT
2M BIT
CELL
MAXTRIX
VCC
VSS
VPP
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
Q0
Q1
Q2
GND
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
PGM
A17
A14
A13
A8
A9
A11
OE
A10
CE
Q7
Q6
Q5
Q4
Q3


Similar Part No. - MX27C2000QC-55

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000AMC-10 MCNIX-MX27C2000AMC-10 Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000AMC-12 MCNIX-MX27C2000AMC-12 Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000AMC-15 MCNIX-MX27C2000AMC-15 Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000AMC-90 MCNIX-MX27C2000AMC-90 Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
More results

Similar Description - MX27C2000QC-55

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX26C2000B MCNIX-MX26C2000B Datasheet
1,016Kb / 23P
   2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
AMIC Technology
A27020 AMICC-A27020 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A AMICC-A27020A Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com