Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX27C2048PC-70 Datasheet(PDF) 9 Page - Macronix International

Part # MX27C2048PC-70
Description  2M-BIT [256Kx8/128x16] CMOS EPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C2048PC-70 Datasheet(HTML) 9 Page - Macronix International

Back Button MX27C2048PC-70 Datasheet HTML 5Page - Macronix International MX27C2048PC-70 Datasheet HTML 6Page - Macronix International MX27C2048PC-70 Datasheet HTML 7Page - Macronix International MX27C2048PC-70 Datasheet HTML 8Page - Macronix International MX27C2048PC-70 Datasheet HTML 9Page - Macronix International MX27C2048PC-70 Datasheet HTML 10Page - Macronix International MX27C2048PC-70 Datasheet HTML 11Page - Macronix International MX27C2048PC-70 Datasheet HTML 12Page - Macronix International MX27C2048PC-70 Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
MX27C2100/27C2048
P/N: PM0158
REV. 4.5, JAN. 14, 2003
AC CHARACTERISTICS
2100/2048-55
2100/2048-70
2100/2048-90
SYMBOL
PARAMETER
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
UNIT
CONDITIONS
tACC
Address to Output Delay
55
70
90
ns
CE = OE = VIL
tCE
Chip Enable to Output Delay
55
70
90
ns
OE = VIL
tOE
Output Enable to Output Delay
30
30
40
ns
CE = VIL
tDF
OE High to Output Float,
0
15
0
15
0
25
ns
or CE High to Output Float
tOH
Output Hold from Address,
0
0
0
ns
CE or OE which ever occurred first
AC CHARACTERISTICS
2100/2048-12
2100/2048-15
SYMBOL PARAMETER
MIN.
MAX.
MIN.
MAX.
UNIT
CONDITIONS
tACC
Address to Output Delay
120
150
ns
CE = OE = VIL
tCE
Chip Enable to Output Delay
120
150
ns
OE = VIL
tOE
Output Enable to Output Delay
50
65
ns
CE = VIL
tDF
OE High to Output Float,
0
35
0
50
ns
or CE High to Output Float
tOH
Output Hold from Address,
0
0
ns
CE or OE which ever occurred first
AC CHARACTERISTICS
27C2100-70
27C2100-90
27C2100-12
27C2100-15
SYMBOL PARAMETER
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
UNIT
tBHA
BYTE Access Time
70
90
120
150
ns
tOHB
BYTE Output Hold Time
0
0
0
0
ns
tBHZ
BYTE Output Delay Time
70
70
70
70
ns
tBLZ
BYTE Output Set Time
10
10
10
10
ns


Similar Part No. - MX27C2048PC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000AMC-10 MCNIX-MX27C2000AMC-10 Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000AMC-12 MCNIX-MX27C2000AMC-12 Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000AMC-15 MCNIX-MX27C2000AMC-15 Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
More results

Similar Description - MX27C2048PC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27L2000 MCNIX-MX27L2000 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
MAX27L2000 MCNIX-MAX27L2000 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX29F200CT MCNIX-MX29F200CT Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200T MCNIX-MX29F200T Datasheet
720Kb / 46P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
logo
ON Semiconductor
LE25U20AMB-AH ONSEMI-LE25U20AMB-AH Datasheet
140Kb / 21P
   2M-bit (256Kx8)Serial Flash Memory
July, 2013
logo
Macronix International
MX26L3220 MCNIX-MX26L3220 Datasheet
1Mb / 38P
   32M-BIT [2M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX26C2000B MCNIX-MX26C2000B Datasheet
1,016Kb / 23P
   2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
logo
Toshiba Semiconductor
T4773 TOSHIBA-T4773 Datasheet
105Kb / 5P
   CMOS 256K-BIT EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com