Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX27C1100MC-85 Datasheet(PDF) 5 Page - Macronix International

Part # MX27C1100MC-85
Description  1M-BIT [128K x 8/64K x 16] CMOS EPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C1100MC-85 Datasheet(HTML) 5 Page - Macronix International

  MX27C1100MC-85 Datasheet HTML 1Page - Macronix International MX27C1100MC-85 Datasheet HTML 2Page - Macronix International MX27C1100MC-85 Datasheet HTML 3Page - Macronix International MX27C1100MC-85 Datasheet HTML 4Page - Macronix International MX27C1100MC-85 Datasheet HTML 5Page - Macronix International MX27C1100MC-85 Datasheet HTML 6Page - Macronix International MX27C1100MC-85 Datasheet HTML 7Page - Macronix International MX27C1100MC-85 Datasheet HTML 8Page - Macronix International MX27C1100MC-85 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
REV. 4.6, JAN. 14, 2003
P/N: PM0156
MX27C1100/27C1024
arrays, a 4.7 uF bulk electrolytic capacitor should be
used between VCC and GND for each eight devices.
The location of the capacitor should be close to where
the power supply is connected to the array.
BYTE-WIDE MODE
With BYTE/VPP at GND ± 0.2V, outputs Q8-15 are tri-
stated. If Q15/A-1 = VIH, outputs Q0-7 present data bits
Q8-15. If Q15/A-1 = VIL, outputs Q0-7 present data bits
Q0-7.
STANDBY MODE
The MX27C1100/1024 has a CMOS standby mode
which reduces the maximum VCC current to 100 uA. It
is placed in CMOS standby when CE is at VCC ± 0.3 V.
The MX27C1100/1024 also has a TTL-standby mode
which reduces the maximum VCC current to 1.5 mA. It
is placed in TTL-standby when CE is at VIH. When in
standby mode, the outputs are in a high-impedance
state, independent of the OE input.
TWO-LINE OUTPUT CONTROL FUNCTION
To accommodate multiple memory connections, a two-
line control function is provided to allow for:
1. Low memory power dissipation,
2. Assurance that output bus contention will not
occur.
It is recommended that CE be decoded and used as the
primary device-selecting function, while OE be made a
common connection to all devices in the array and
connected to the READ line from the system control bus.
This assures that all deselected memory devices are in
their low-power standby mode and that the output pins
are only active when data is desired from a particular
memory device.
SYSTEM CONSIDERATIONS
During the switch between active and standby
conditions, transient current peaks are produced on the
rising and falling edges of Chip Enable. The magnitude
of these transient current peaks is dependent on the
output capacitance loading of the device. At a minimum,
a 0.1 uF ceramic capacitor (high frequency, low inherent
inductance) should be used on each device between
Vcc and GND to minimize transient effects. In addition,
to overcome the voltage drop caused by the inductive
effects of the printed circuit board traces on EPROM


Similar Part No. - MX27C1100MC-85

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000 MCNIX-MX27C1000 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000AMC-10 MCNIX-MX27C1000AMC-10 Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000AMC-12 MCNIX-MX27C1000AMC-12 Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
More results

Similar Description - MX27C1100MC-85

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX26C1000A MCNIX-MX26C1000A Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000B MCNIX-MX26C1000B Datasheet
1,016Kb / 23P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com