Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX27C1100MC-85 Datasheet(PDF) 1 Page - Macronix International

Part # MX27C1100MC-85
Description  1M-BIT [128K x 8/64K x 16] CMOS EPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C1100MC-85 Datasheet(HTML) 1 Page - Macronix International

  MX27C1100MC-85 Datasheet HTML 1Page - Macronix International MX27C1100MC-85 Datasheet HTML 2Page - Macronix International MX27C1100MC-85 Datasheet HTML 3Page - Macronix International MX27C1100MC-85 Datasheet HTML 4Page - Macronix International MX27C1100MC-85 Datasheet HTML 5Page - Macronix International MX27C1100MC-85 Datasheet HTML 6Page - Macronix International MX27C1100MC-85 Datasheet HTML 7Page - Macronix International MX27C1100MC-85 Datasheet HTML 8Page - Macronix International MX27C1100MC-85 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FEATURES
64K x 16 organization(MX27C1024, JEDEC pin out)
128K x 8 or 64K x 16 organization(MX27C1100, ROM
pin out compatible)
+12.5V programming voltage
Fast access time: 55/70/85/100/120/150 ns
Totally static operation
Completely TTL compatible
Operating current: 40mA
Standby current: 100uA
Package type:
- 40 pin plastic DIP
- 40 pin plastic SOP
- 44 pin PLCC
PIN CONFIGURATIONS
PDIP/SOP(MX27C1100)
P/N: PM0156
1
BLOCK DIAGRAM (MX27C1100)
MX27C1100/27C1024
1M-BIT [128K x 8/64K x 16] CMOS EPROM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
NC
A7
A6
A5
A4
A3
A2
A1
A0
CE
GND
OE
Q0
Q8
Q1
Q9
Q2
Q10
Q3
Q11
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
A8
A9
A10
A11
A12
A13
A14
A15
NC
BYTE/VPP
GND
Q15/A-1
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
REV. 4.6, JAN. 14, 2003
CONTROL
LOGIC
OUTPUT
BUFFERS
Q0~Q14
Q15/A-1
CE
OE
BYTE/VPP
A0~A15
ADDRESS
INPUTS
Y-DECODER
X-DECODER
Y-SELECT
1M BIT
CELL
MAXTRIX
VCC
GND
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
GENERAL DESCRIPTION
The MX27C1024 is a 5V only, 1M-bit, One Time
Programmable Read Only Memory. It is organized as
64K words by 16 bits per word(MX27C1024), 128K x 8
or 64K x 16(MX27C1100), operates from a single + 5
volt supply, has a static standby mode, and features
fast single address location programming. All program-
ming signals are TTL levels, requiring a single pulse. For
programming outside from the system, existing
EPROM programmers may be used. The MX27C1100/
1024 supports a intelligent fast programming algorithm
which can result in programming time of less than thirty
seconds.
This EPROM is packaged in industry standard 40 pin
dual-in-line packages, 40 lead SOP and 44 lead PLCC
packages.


Similar Part No. - MX27C1100MC-85

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000 MCNIX-MX27C1000 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000AMC-10 MCNIX-MX27C1000AMC-10 Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000AMC-12 MCNIX-MX27C1000AMC-12 Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
More results

Similar Description - MX27C1100MC-85

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX26C1000A MCNIX-MX26C1000A Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000B MCNIX-MX26C1000B Datasheet
1,016Kb / 23P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com