Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX26L6420XBC-12 Datasheet(PDF) 10 Page - Macronix International

Part # MX26L6420XBC-12
Description  64M-BIT [4M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26L6420XBC-12 Datasheet(HTML) 10 Page - Macronix International

Back Button MX26L6420XBC-12 Datasheet HTML 6Page - Macronix International MX26L6420XBC-12 Datasheet HTML 7Page - Macronix International MX26L6420XBC-12 Datasheet HTML 8Page - Macronix International MX26L6420XBC-12 Datasheet HTML 9Page - Macronix International MX26L6420XBC-12 Datasheet HTML 10Page - Macronix International MX26L6420XBC-12 Datasheet HTML 11Page - Macronix International MX26L6420XBC-12 Datasheet HTML 12Page - Macronix International MX26L6420XBC-12 Datasheet HTML 13Page - Macronix International MX26L6420XBC-12 Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10
P/N:PM0823
REV. 0.5, JAN. 29, 2002
MX26L6420
SOFTWARE COMMAND DEFINTIONS
Device operations are selected by writing specific ad-
dress and data sequences into the command register.
Writing incorrect address and data values or writing them
in the improper sequence will reset the device to the
read mode. Table 4 defines the valid register command
sequences. Either of the two reset command sequences
Legend:
X=Don't care
RA=Address of the memory location to be read.
RD=Data read from location RA during read operation.
PA=Address of the memory location to be programmed.
Addresses are latched on the falling edge of the WE or
CE pulse.
PD=Data to be programmed at location PA. Data is
latched on the rising edge of WE or CE pulse.
will reset the device(when applicable).
All addresses are latched on the falling edge of WE or
CE, whichever happens later. All data are latched on ris-
ing edge of WE or CE, whichever happens first.
First Bus
Second Bus Third Bus
Fourth Bus
Fifth Bus
Sixth Bus
Command
Bus
Cycle
Cycle
Cycle
Cycle
Cycle
Cycle
Cycle
Addr
Data
Addr
Data Addr
Data Addr
Data
Addr
Data Addr Data
Read(Note 5)
1
RA
RD
Reset(Note 6)
1
XXX
F0
Autoselect(Note 7)
Manufacturer ID
4
555
AA
2AA
55
555
90
X00
C2
Device ID
4
555
AA
2AA
55
555
90
X01
22FC
Secured Sector
4
555
AA
2AA
55
555
90
x03
see
Factory Protect
Note9
Enter Secured Silicon
3
555
AA
2AA
55
555
88
Sector
Exit Secured Silicon
4
555
AA
2AA
55
555
90
xxx
00
Sector
Porgram
4
555
AA
2AA
55
555
A0
PA
PD
Chip Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
TABLE4. MX26L6420 COMMAND DEFINITIONS
Notes:
1.See Table 1 for descriptions of bus operations.
2.All values are in hexadecimal.
3.Except when reading array or autoselect data, all bus cycles are write operation.
4.Address bits are don't care for unlock and command cycles, except when PA is required.
5.No unlock or command cycles required when device is in read mode.
6.The Reset command is required to return to the read mode when the device is in the autoselect mode or if Q5 goes
high.
7.The fourth cycle of the autoselect command sequence is a read cycle.
8.In the third and fourth cycles of the command sequence, set A21=0.
8.Command is valid when device is ready to read array data or when device is in autoselect mode.
9.The data is 88h for factory locked and 08h for non-factory locked.


Similar Part No. - MX26L6420XBC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26L6419 MCNIX-MX26L6419 Datasheet
436Kb / 45P
   64M [x16] SINGLE 3V PAGE MODE MTP MEMORY
MX26L6419TC-10 MCNIX-MX26L6419TC-10 Datasheet
436Kb / 45P
   64M [x16] SINGLE 3V PAGE MODE MTP MEMORY
More results

Similar Description - MX26L6420XBC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26C4000B MCNIX-MX26C4000B Datasheet
957Kb / 20P
   4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26L3220 MCNIX-MX26L3220 Datasheet
1Mb / 38P
   32M-BIT [2M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX26L1620 MCNIX-MX26L1620 Datasheet
683Kb / 36P
   16M-BIT [1M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
logo
List of Unclassifed Man...
MX26C512A ETC1-MX26C512A Datasheet
114Kb / 16P
   512K-BIT [64K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
logo
Macronix International
MX26C1000A MCNIX-MX26C1000A Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000B MCNIX-MX26C1000B Datasheet
1,016Kb / 23P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C2000B MCNIX-MX26C2000B Datasheet
1,016Kb / 23P
   2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
logo
Fujitsu Component Limit...
MBM29LV652UE FUJITSU-MBM29LV652UE Datasheet
571Kb / 58P
   64M (4M X 16) BIT
MBM29LV650UE FUJITSU-MBM29LV650UE Datasheet
625Kb / 57P
   64M (4M x 16) BIT
logo
Macronix International
MX27C4100 MCNIX-MX27C4100 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com