Electronic Components Datasheet Search |
|
MX27C2000APC-90 Datasheet(PDF) 3 Page - Macronix International |
|
MX27C2000APC-90 Datasheet(HTML) 3 Page - Macronix International |
3 / 15 page 3 REV. 2.0, AUG. 27, 2003 P/N: PM0708 MX27C2000A is the output control and should be used to gate data to the output pins, independent of device selection. Assuming that addresses are stable, address access time (tACC) is equal to the delay from CE to output (tCE). Data is available at the outputs tOE after the falling edge of OE, assuming that CE has been LOW and addresses have been stable for at least tACC - tOE. STANDBY MODE The MX27C2000A has a CMOS standby mode which reduces the maximum VCC current to 100 uA. It is placed in CMOS standby when CE is at VCC ±0.3 V. The MX27C2000A also has a TTL-standby mode which reduces the maximum VCC current to 1.5 mA. It is placed in TTL-standby when CE is at VIH. When in standby mode, the outputs are in a high-impedance state, independent of the OE input. TWO-LINE OUTPUT CONTROL FUNCTION To accommodate multiple memory connections, a two- line control function is provided to allow for: 1. Low memory power dissipation, 2. Assurance that output bus contention will not occur. It is recommended that CE be decoded and used as the primary device-selecting function, while OE be made a common connection to all devices in the array and connected to the READ line from the system control bus. This assures that all deselected memory devices are in their low-power standby mode and that the output pins are only active when data is desired from a particular memory device. SYSTEM CONSIDERATIONS During the switch between active and standby conditions, transient current peaks are produced on the rising and falling edges of Chip Enable. The magnitude of these transient current peaks is dependent on the output capacitance loading of the device. At a minimum, a 0.1 uF ceramic capacitor (high frequency, low inherent inductance) should be used on each device between Vcc and GND to minimize transient effects. In addition, to overcome the voltage drop caused by the inductive effects of the printed circuit board traces on EPROM arrays, a 4.7 uF bulk electrolytic capacitor should be used between VCC and GND for each eight devices. The location of the capacitor should be close to where the power supply is connected to the array. NOTES: 1.VH = 12.0 V ± 0.5 V 2.X = Either VIH or VIL 3.A1 - A8 = A10 - A17 = VIL(For auto select) 4.See DC Programming Characteristics for VPP voltage during programming. MODE SELECT TABLE PINS MODE CE OE PGM A0 A9 VPP OUTPUTS Read VIL VIL X X X VCC DOUT Output Disable VIL VIH X X X VCC High Z Standby (TTL) VIH X X X X VCC High Z Standby (CMOS) VCC±0.3V X X X X VCC High Z Program VIL VIH VIL X X VPP DIN Program Verify VIL VIL VIH X X VPP DOUT Program Inhibit VIH X X X X VPP High Z Manufacturer Code(3) VIL VIL X VIL VH VCC C2H Device Code(3) VIL VIL X VIH VH VCC C3H |
Similar Part No. - MX27C2000APC-90 |
|
Similar Description - MX27C2000APC-90 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |