Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK625R2-30C Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BUK625R2-30C
Description  N-channel TrenchMOS intermediate level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK625R2-30C Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BUK625R2-30C_15 Datasheet HTML 6Page - NXP Semiconductors BUK625R2-30C_15 Datasheet HTML 7Page - NXP Semiconductors BUK625R2-30C_15 Datasheet HTML 8Page - NXP Semiconductors BUK625R2-30C_15 Datasheet HTML 9Page - NXP Semiconductors BUK625R2-30C_15 Datasheet HTML 10Page - NXP Semiconductors BUK625R2-30C_15 Datasheet HTML 11Page - NXP Semiconductors BUK625R2-30C_15 Datasheet HTML 12Page - NXP Semiconductors BUK625R2-30C_15 Datasheet HTML 13Page - NXP Semiconductors BUK625R2-30C_15 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
BUK625R2-30C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 12 July 2011
10 of 14
NXP Semiconductors
BUK625R2-30C
N-channel TrenchMOS intermediate level FET
7.
Package outline
Fig 17. Package outline SOT428 (DPAK)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT428
SC-63
TO-252
SOT428
06-02-14
06-03-16
DIMENSIONS (mm are the original dimensions)
Plastic single-ended surface-mounted package (DPAK); 3 leads (one lead cropped)
A
2
13
E1
D2
D1
HD
L
L1
L2
e1
e
mounting
base
wA
M
b
E
b2
b1
c
A1
y
0
5
10 mm
scale
UNIT
mm
0.93
0.46
5.46
5.00
0.56
0.20
6.22
5.98
6.73
6.47
10.4
9.6
2.95
2.55
A1
2.38
2.22
Ab2
1.1
0.9
b1
e1
0.89
0.71
bc
D1
0.9
0.5
L2
Ee
2.285
4.57
4.0
D2
min
4.45
E1
min
0.5
L1
min
HD
Lw
0.2
y
max
0.2
A


Similar Part No. - BUK625R2-30C_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK625R2-30C NEXPERIA-BUK625R2-30C Datasheet
758Kb / 14P
   N-channel TrenchMOS intermediate level FET
More results

Similar Description - BUK625R2-30C_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK6218-40C NXP-BUK6218-40C Datasheet
391Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 1-4 October 2010
BUK662R5-30C PHILIPS-BUK662R5-30C_15 Datasheet
380Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-14 October 2010
BUK6E3R4-40C PHILIPS-BUK6E3R4-40C_15 Datasheet
376Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-14 October 2010
BUK6217-55C PHILIPS-BUK6217-55C_15 Datasheet
195Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-9 July 2012
BUK664R4-55C PHILIPS-BUK664R4-55C_15 Datasheet
225Kb / 16P
   N-channel TrenchMOS intermediate level FET
Rev. 03-21 December 2010
logo
Nexperia B.V. All right...
BUK652R7-30C NEXPERIA-BUK652R7-30C Datasheet
495Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK652R1-30C NEXPERIA-BUK652R1-30C Datasheet
512Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK661R8-30C NEXPERIA-BUK661R8-30C Datasheet
756Kb / 14P
   N-channel TrenchMOS intermediate level FET
BUK653R5-55C NEXPERIA-BUK653R5-55C Datasheet
490Kb / 15P
   N-channel TrenchMOS intermediate level FET
Rev. 1 - 27 October 2010
logo
NXP Semiconductors
BUK6213-30A PHILIPS-BUK6213-30A_15 Datasheet
304Kb / 10P
   N-channel TrenchMOS intermediate level FET
Rev. 03-2 February 2011
BUK6210-55C PHILIPS-BUK6210-55C_15 Datasheet
383Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-4 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com