Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK653R3-30C Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUK653R3-30C
Description  N-channel TrenchMOS intermediate level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK653R3-30C Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUK653R3-30C_15 Datasheet HTML 3Page - NXP Semiconductors BUK653R3-30C_15 Datasheet HTML 4Page - NXP Semiconductors BUK653R3-30C_15 Datasheet HTML 5Page - NXP Semiconductors BUK653R3-30C_15 Datasheet HTML 6Page - NXP Semiconductors BUK653R3-30C_15 Datasheet HTML 7Page - NXP Semiconductors BUK653R3-30C_15 Datasheet HTML 8Page - NXP Semiconductors BUK653R3-30C_15 Datasheet HTML 9Page - NXP Semiconductors BUK653R3-30C_15 Datasheet HTML 10Page - NXP Semiconductors BUK653R3-30C_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BUK653R3-30C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 13 July 2011
7 of 14
NXP Semiconductors
BUK653R3-30C
N-channel TrenchMOS intermediate level FET
Source-drain diode
VSD
source-drain voltage
IS =25A; VGS =0V; Tj =25°C;
see Figure 16
-0.8
1.2
V
trr
reverse recovery time
IS =20A; dIS/dt = -100 A/µs; VGS =0V;
VDS =25V
-50
-ns
Qr
recovered charge
-
73
-
nC
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tj = 25°C; VDS = 25 V
Tj = 25°C and tp = 300 us
Fig 5.
Forward transconductance as a function of
drain current; typical values
Fig 6.
Output characteristics: drain current as a
function of drain-source voltage; typical values
VDS = 25 V
Tj = 25°C; ID 25 A
Fig 7.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 8.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
003aae532
0
30
60
90
120
150
0
30
60
90
120
150
ID (A)
gfs
(S)
003aae533
0
50
100
150
200
0
0.5
1
1.5
2
VDS (V)
ID
(A)
3.8
4
4.5
5
6
3.2
VGS (V) = 10
3.4
3.6
003aae534
0
40
80
120
01
23
4
VGS (V)
ID
(A)
Tj = 175 °C
Tj = 25 °C
003aae535
0
3
6
9
12
0
5
10
15
20
VGS (V)
RDSon
(m
Ω)


Similar Part No. - BUK653R3-30C_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK653R3-30C NEXPERIA-BUK653R3-30C Datasheet
467Kb / 15P
   N-channel TrenchMOS intermediate level FET
More results

Similar Description - BUK653R3-30C_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK6218-40C NXP-BUK6218-40C Datasheet
391Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 1-4 October 2010
BUK662R5-30C PHILIPS-BUK662R5-30C_15 Datasheet
380Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-14 October 2010
BUK6E3R4-40C PHILIPS-BUK6E3R4-40C_15 Datasheet
376Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-14 October 2010
BUK6217-55C PHILIPS-BUK6217-55C_15 Datasheet
195Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-9 July 2012
BUK664R4-55C PHILIPS-BUK664R4-55C_15 Datasheet
225Kb / 16P
   N-channel TrenchMOS intermediate level FET
Rev. 03-21 December 2010
logo
Nexperia B.V. All right...
BUK652R7-30C NEXPERIA-BUK652R7-30C Datasheet
495Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK652R1-30C NEXPERIA-BUK652R1-30C Datasheet
512Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK661R8-30C NEXPERIA-BUK661R8-30C Datasheet
756Kb / 14P
   N-channel TrenchMOS intermediate level FET
BUK653R5-55C NEXPERIA-BUK653R5-55C Datasheet
490Kb / 15P
   N-channel TrenchMOS intermediate level FET
Rev. 1 - 27 October 2010
logo
NXP Semiconductors
BUK6213-30A PHILIPS-BUK6213-30A_15 Datasheet
304Kb / 10P
   N-channel TrenchMOS intermediate level FET
Rev. 03-2 February 2011
BUK6210-55C PHILIPS-BUK6210-55C_15 Datasheet
383Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-4 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com