Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCSERIES Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NCSERIES
Description  Thin Film Single Value Chip and Wire Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NCSERIES Datasheet(HTML) 1 Page - Vishay Siliconix

  NCSERIES_15 Datasheet HTML 1Page - Vishay Siliconix NCSERIES_15 Datasheet HTML 2Page - Vishay Siliconix NCSERIES_15 Datasheet HTML 3Page - Vishay Siliconix NCSERIES_15 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NC Series
www.vishay.com
Vishay Electro-Films
Revision: 02-May-13
1
Document Number: 61033
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film Single Value Chip and Wire Capacitors
Product may not be to scale
The NC series of thin film capacitors has the advantage of
increased performance and smaller size when compared
with its thick film counterparts. These chips are available in
sizes down to 20 mil square and in capacitances up to
1000 pF.
Parts require epoxy or eutectic die attach to substrate and
one wire bond.
These chips are manufactured using Vishay Electro-Films
(EFI) sophisticated Thin Film equipment and manufacturing
technology. The NC’s are 100 % electrically tested and
visually inspected to MIL-STD-883.
FEATURES
• Wire bondable
• Small size: 0.020 inches square to 0.060 inches
square
• Substrate: Silicon with gold backing
• Dielectric: Silicon dioxide/silicon nitride
• Capacitance range: 0.5 pF to 1000 pF
• Material
categorization:
For
definitions
of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
The NC series of capacitor chips are designed for assembly
in
hybrid
circuits
using
conventional
wire-bonding
techniques.
They
provide
excellent
stability
and
performance, and their small size gives the hybrid designer
greater layout flexibility. They are available as MNOS or
MOS capacitors. The MOS version is to be preferred when
low dielectric absorption is required.
ELECTRICAL SCHEMATIC
NCAA/NCBB/NCCC
ELECTRICAL SCHEMATIC
NCDD/NCEE
TOP BONDING PADS
BACK OF CHIP
TOP BONDING PADS
BACK OF CHIP
WV (DC) VALUES AND TOLERANCES
CAPACITOR MODEL
NCAA
NCBB
NCCC
NCDD
NCEE
UNIT
Case Size
0202
0303
0404
0505
0606
Capacitance Values
0.5 to 51
33 to 100
56 to 220
150 to 510
360 to 1000
pF
Tolerance
± 2.5, ± 5, ± 10,
± 20, ± 25
± 2.5, ± 5, ± 10,
± 20
± 2.5, ± 5, ± 10,
± 20
± 2.5, ± 5, ± 10,
± 20
± 2.5, ± 5, ± 10,
± 20
%
DC Working Voltage
200
150
190
140
65
V
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Capacitance Range
0.5 to 1000
pF
Maximum Working Voltage
200
V
Peak Voltage at + 25 °C
1.5 x working voltage
Dissipation Factor, 1 kHz, 1 VRMS, + 25 °C
0.05 MNOS
0.1 MOS
%
Q at 1 mHz, 50 mVRMS, + 25 °C
1000 min.
TCC, - 55 °C to + 150°C
+ 45 ± 25 MNOS
+ 15 ± 25 MOS
ppm/°C
Insulation Resistance at Working Voltage, + 25 °C
109 min.
Operating Temperature Range
- 55 to + 125
°C
Thermal Shock
± 0.25 + 0.25 pF max.
C/C
%
Moisture Resistance, MIL-STD-202, Method 106
± 1.0 + 0.25 pF max.
C/C
%
Short Time Overload, + 25 °C, 5 s, 1.5 x Working Voltage
± 0.25 + 0.25 pF max.
%
High Temperature Exposure, 100 h at 150°C Ambient
± 0.25 + 0.25 pF max.
C/C
%
Life, MIL-STD-202, Method 108
Condition D, + 125 °C Ambient, 100 h at Working Voltage
± 0.25 + 0.25 pF max.
C/C
%


Similar Part No. - NCSERIES_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NCSE1 ETC2-NCSE1 Datasheet
40Kb / 1P
   2.0mm 4 Pin Ceramic Surface Mount Crystal
logo
NICHIA CORPORATION
NCSE119A NICHIA-NCSE119A Datasheet
329Kb / 18P
   Built-in ESD Protection Device
NCSE119AT NICHIA-NCSE119AT Datasheet
333Kb / 17P
   SPECIFICATIONS FOR BLUISH-GREEN LED
NCSE119B-V1 NICHIA-NCSE119B-V1 Datasheet
458Kb / 18P
   Built-in ESD Protection Device
NCSE119BT-V1 NICHIA-NCSE119BT-V1 Datasheet
280Kb / 19P
   BLUISH-GREEN LED
More results

Similar Description - NCSERIES_15

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
NCAA MSYSTEM-NCAA Datasheet
98Kb / 4P
   Thin Film Single Value Chip and Wire Capacitors
logo
Vishay Siliconix
NC VISHAY-NC Datasheet
97Kb / 4P
   Thin Film Single Value Chip and Wire Capacitors
01-Jan-2022
CS22 VISHAY-CS22_15 Datasheet
76Kb / 3P
   Single Value Wirebondable Thin Film Chip Resistors
Revision: 21-Nov-13
RSK22N VISHAY-RSK22N_15 Datasheet
73Kb / 3P
   Precision Wirebondable Single Value Thin Film Chip Resistor
Revision: 11-Nov-15
RMK55N VISHAY-RMK55N_15 Datasheet
88Kb / 4P
   Wirebondable High Precision Single Value Thin Film Chip Resistors
Revision: 26-Mar-13
logo
AVX Corporation
02013J0R1ABSTR AVX-02013J0R1ABSTR Datasheet
217Kb / 19P
   Thin-Film Chip Capacitors
logo
Vishay Siliconix
P0603H2002BBT VISHAY-P0603H2002BBT Datasheet
144Kb / 10P
   High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors
Revision: 19-Nov-13
L-NS VISHAY-L-NS Datasheet
130Kb / 3P
   Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors
Revision: 31-Jul-08
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402 Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com