Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX27C1000QC-45 Datasheet(PDF) 1 Page - Macronix International

Part # MX27C1000QC-45
Description  1M-BIT [128K x 8] CMOS EPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C1000QC-45 Datasheet(HTML) 1 Page - Macronix International

  MX27C1000QC-45 Datasheet HTML 1Page - Macronix International MX27C1000QC-45 Datasheet HTML 2Page - Macronix International MX27C1000QC-45 Datasheet HTML 3Page - Macronix International MX27C1000QC-45 Datasheet HTML 4Page - Macronix International MX27C1000QC-45 Datasheet HTML 5Page - Macronix International MX27C1000QC-45 Datasheet HTML 6Page - Macronix International MX27C1000QC-45 Datasheet HTML 7Page - Macronix International MX27C1000QC-45 Datasheet HTML 8Page - Macronix International MX27C1000QC-45 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
FEATURES
128K x 8 organization
Single +5V power supply
+12.5V programming voltage
Fast access time: 45/55/70/90/100/120/150 ns
Totally static operation
Completely TTL compatible
1
Operating current: 30mA
Standby current: 100uA
Package type:
- 32 pin plastic DIP
- 32 pin SOP
- 32 pin PLCC
- 32 pin TSOP
REV. 6.0, AUG. 26, 2003
P/N: PM0234
GENERAL DESCRIPTION
The MX27C1000 is a 5V only, 1M-bit, One Time
Programmable Read Only Memory. It is organized as
128K words by 8 bits per word, operates from a single +
5 volt supply, has a static standby mode, and features
fast single address location programming. All program-
ming signals are TTL levels, requiring a single pulse. For
programming outside from the system, existing EPROM
programmers may be used. The MX27C1000 supports
an intelligent fast programming algorithm which can
result in programming time of less than thirty seconds.
This EPROM is packaged in industry standard 32 pin
dual-in-line packages, 32 lead PLCC , 32 lead SOP , and
32 lead TSOP packages.
PIN CONFIGURATIONS
PDIP/SOP
PLCC
TSOP
MX27C1000
1M-BIT [128K x 8] CMOS EPROM
1
4
5
9
13
14
17
20
21
25
29
32
30
A14
A13
A8
A9
A11
OE
A10
CE
Q7
A7
A6
A5
A4
A3
A2
A1
A0
Q0
MX27C1000
A11
A9
A8
A13
A14
NC
PGM
VCC
VPP
A16
A15
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OE
A10
CE
Q7
Q6
Q5
Q4
Q3
GND
Q2
Q1
Q0
A0
A1
A2
A3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
MX27C1000
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
Q0
Q1
Q2
GND
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
PGM
NC
A14
A13
A8
A9
A11
OE
A10
CE
Q7
Q6
Q5
Q4
Q3


Similar Part No. - MX27C1000QC-45

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C1000QI-12 MCNIX-MX27C1000QI-12 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000QI-15 MCNIX-MX27C1000QI-15 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000QI-70 MCNIX-MX27C1000QI-70 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000QI-90 MCNIX-MX27C1000QI-90 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
More results

Similar Description - MX27C1000QC-45

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1100 MCNIX-MX27C1100 Datasheet
786Kb / 19P
   1M-BIT [128K x 8/64K x 16] CMOS EPROM
MX26C1000A MCNIX-MX26C1000A Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000B MCNIX-MX26C1000B Datasheet
1,016Kb / 23P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
logo
Holtek Semiconductor In...
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
   Military 128K x 8 CMOS EPROM
logo
Microchip Technology
27C128 MICROCHIP-27C128_04 Datasheet
146Kb / 10P
   128K (16K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com