Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT3245A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # CBT3245A
Description  Octal bus switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBT3245A Datasheet(HTML) 5 Page - NXP Semiconductors

  CBT3245A_15 Datasheet HTML 1Page - NXP Semiconductors CBT3245A_15 Datasheet HTML 2Page - NXP Semiconductors CBT3245A_15 Datasheet HTML 3Page - NXP Semiconductors CBT3245A_15 Datasheet HTML 4Page - NXP Semiconductors CBT3245A_15 Datasheet HTML 5Page - NXP Semiconductors CBT3245A_15 Datasheet HTML 6Page - NXP Semiconductors CBT3245A_15 Datasheet HTML 7Page - NXP Semiconductors CBT3245A_15 Datasheet HTML 8Page - NXP Semiconductors CBT3245A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CBT3245A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 5 January 2012
5 of 16
NXP Semiconductors
CBT3245A
Octal bus switch
[1]
All typical values are at VCC =5V, Tamb =25 C.
[2]
This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
[3]
Measured by the voltage drop between the An and the Bn terminals at the indicated current through the switch. ON resistance is
determined by the lowest voltage of the two (An or Bn) terminals.
10. Dynamic characteristics
[1]
The propagation delay is the calculated RC time constant of the typical ON resistance of the switch and the specified load capacitance,
when driven by an ideal voltage source (zero output impedance).
[2]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
RON
ON resistance
VCC =4.5 V; VI =0V; II =64 mA
[3]
-5
7
VCC =4.5 V; VI =0V; II =30 mA
[3]
-5
7
VCC =4.5 V; VI =2.4 V; II = 15 mA
[3]
-10
15
Table 6.
Static characteristics …continued
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Tamb = 40 C to +85 C
Unit
Min
Typ[1]
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 7.
Symbol
Parameter
Conditions
Tamb = 40 C to +85 C Unit
Min
Max
tpd
propagation delay
An, Bn to Bn, An; see Figure 5
[1][2]
VCC = 5.0 V  0.5 V
-
0.25
ns
ten
enable time
OE to An or Bn; see Figure 6
[2]
VCC = 5.0 V  0.5 V
1.0
5.9
ns
tdis
disable time
OE to An or Bn; see Figure 6
[2]
VCC = 5.0 V  0.5 V
1.0
6.0
ns


Similar Part No. - CBT3245A_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
   Octal bus switch
logo
NXP Semiconductors
CBT3245ABQ PHILIPS-CBT3245ABQ Datasheet
123Kb / 12P
   Octal bus switch
2003 Jun 27
logo
Nexperia B.V. All right...
CBT3245ABQ NEXPERIA-CBT3245ABQ Datasheet
214Kb / 10P
   Octal bus switch
Rev. 6 - 21 March 2022
CBT3245ABQ-Q100 NEXPERIA-CBT3245ABQ-Q100 Datasheet
222Kb / 12P
   Octal bus switch
logo
NXP Semiconductors
CBT3245AD PHILIPS-CBT3245AD Datasheet
123Kb / 12P
   Octal bus switch
2003 Jun 27
More results

Similar Description - CBT3245A_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
   Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
   Octal Bus Switch
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
   Octal bus switch
logo
Toshiba Semiconductor
TC7MBD3244FK TOSHIBA-TC7MBD3244FK Datasheet
226Kb / 7P
   OCTAL BUS SWITCH
TC7MBD3245FK TOSHIBA-TC7MBD3245FK Datasheet
220Kb / 7P
   OCTAL BUS SWITCH
logo
Fairchild Semiconductor
FST3244 FAIRCHILD-FST3244 Datasheet
111Kb / 5P
   Octal Bus Switch
FST3245 FAIRCHILD-FST3245 Datasheet
110Kb / 6P
   Octal Bus Switch
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
   OCTAL BUS SWITCH
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A Datasheet
123Kb / 12P
   Octal bus switch
2003 Jun 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com