Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX26L3220TC-12 Datasheet(PDF) 3 Page - Macronix International

Part # MX26L3220TC-12
Description  32M-BIT [2M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26L3220TC-12 Datasheet(HTML) 3 Page - Macronix International

  MX26L3220TC-12 Datasheet HTML 1Page - Macronix International MX26L3220TC-12 Datasheet HTML 2Page - Macronix International MX26L3220TC-12 Datasheet HTML 3Page - Macronix International MX26L3220TC-12 Datasheet HTML 4Page - Macronix International MX26L3220TC-12 Datasheet HTML 5Page - Macronix International MX26L3220TC-12 Datasheet HTML 6Page - Macronix International MX26L3220TC-12 Datasheet HTML 7Page - Macronix International MX26L3220TC-12 Datasheet HTML 8Page - Macronix International MX26L3220TC-12 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
3
P/N:PM0826
REV. 0.5, JAN. 29, 2002
MX26L3220
SYMBOL
PIN NAME
A0~A20
Address Input
Q0~Q15
Data Inputs/Outputs
CE
Chip Enable Input
WE
Write Enable Input
OE
Output Enable Input
RESET
Hardware Reset Pin, Active Low
VCC
+3.0V single power supply
ACC
Hardware Acceleration Pin
V I/O
I/O power supply (for 48 TSOP and
48 CSP package only)
GND
Device Ground
NC
Pin Not Connected Internally
PIN DESCRIPTION
48 TSOP
LOGIC SYMBOL
16
Q0-Q15
A0-A20
ACC
CE
OE
WE
RESET
21
A15
A14
A13
A12
A11
A10
A9
A8
NC
A20
WE
RESET
ACC
VCC
A19
A18
A17
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A16
VI/O
GND
Q15
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
Q11
Q3
Q10
Q2
Q9
Q1
Q8
Q0
OE
GND
CE
A0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
MX26L3220
44 SOP
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
NC
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
GND
OE
Q0
Q8
Q1
Q9
Q2
Q10
Q3
Q11
A20
A19
A8
A9
A10
A11
A12
A13
A14
A15
A16
WE
GND
Q15
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC


Similar Part No. - MX26L3220TC-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX26L12811MC ETC1-MX26L12811MC Datasheet
248Kb / 32P
   128M [x8/x16] SINGLE 3V PAGE MODE MTP MEMORY
MX26L12811MC-12 ETC1-MX26L12811MC-12 Datasheet
248Kb / 32P
   128M [x8/x16] SINGLE 3V PAGE MODE MTP MEMORY
logo
Macronix International
MX26L1620 MCNIX-MX26L1620 Datasheet
683Kb / 36P
   16M-BIT [1M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX26L1620MC-12 MCNIX-MX26L1620MC-12 Datasheet
683Kb / 36P
   16M-BIT [1M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX26L1620MC-90 MCNIX-MX26L1620MC-90 Datasheet
683Kb / 36P
   16M-BIT [1M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
More results

Similar Description - MX26L3220TC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26C2000B MCNIX-MX26C2000B Datasheet
1,016Kb / 23P
   2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26L1620 MCNIX-MX26L1620 Datasheet
683Kb / 36P
   16M-BIT [1M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX26L6420 MCNIX-MX26L6420 Datasheet
1Mb / 39P
   64M-BIT [4M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
logo
List of Unclassifed Man...
MX26C512A ETC1-MX26C512A Datasheet
114Kb / 16P
   512K-BIT [64K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
logo
Macronix International
MX26C1000A MCNIX-MX26C1000A Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000B MCNIX-MX26C1000B Datasheet
1,016Kb / 23P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C4000B MCNIX-MX26C4000B Datasheet
957Kb / 20P
   4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
logo
SPANSION
MBM29BS32LF18 SPANSION-MBM29BS32LF18 Datasheet
314Kb / 60P
   BURST MODE FLASH MEMORY CMOS 32M (2M X 16) BIT
logo
Macronix International
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com