Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX26L1620TC-12 Datasheet(PDF) 1 Page - Macronix International

Part # MX26L1620TC-12
Description  16M-BIT [1M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26L1620TC-12 Datasheet(HTML) 1 Page - Macronix International

  MX26L1620TC-12 Datasheet HTML 1Page - Macronix International MX26L1620TC-12 Datasheet HTML 2Page - Macronix International MX26L1620TC-12 Datasheet HTML 3Page - Macronix International MX26L1620TC-12 Datasheet HTML 4Page - Macronix International MX26L1620TC-12 Datasheet HTML 5Page - Macronix International MX26L1620TC-12 Datasheet HTML 6Page - Macronix International MX26L1620TC-12 Datasheet HTML 7Page - Macronix International MX26L1620TC-12 Datasheet HTML 8Page - Macronix International MX26L1620TC-12 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
P/N:PM0827
REV. 0.4, JAN. 31, 2002
MX26L1620
16M-BIT[1Mx16]CMOS
MULTIPLE-TIME-PROGRAMMABLEEPROM
ADVANCED INFORMATION
FEATURES
1,048,576 x 16 byte structure
Single Power Supply Operation
- 2.7 to 3.6 volt for read, erase, and program
operations
Low Vcc write inhibit is equal to or less than 2.5V
Compatible with JEDEC standard
High Performance
- Fast access time: 90/120ns (typ.)
- Fast program time: 35s/chip (typ.)
- Fast erase time: 45s/chip (typ.)
Low Power Consumption
- Low active read current: 10mA (typ.) at 5MHz
- Low standby current: 30uA (typ.)
Minimum 100 erase/program cycle
10-year data retention
Status Reply
- Data polling & Toggle bits provide detection of
program and erase operation completion
12V ACC input pin provides accelerated program
capability
Output voltages and input voltages on the device is
determined by the voltage on the VI/O pin.
- VI/O voltage range:1.65V~3.6V
Package
- 44-Pin SOP
- 48-Pin TSOP
- 48-Ball CSP
GENERAL DESCRIPTION
The MX26L1620 is a 16M bit MTP EPROMTM organized
as 1M bytes of 16 bits. MXIC's MTP EPROMTM offer the
most cost-effective and reliable read/write non-volatile
random access memory. The MX26L1620 is packaged in
44-pin SOP, 48-pin TSOP and 48-ball CSP. It is designed
to be reprogrammed and erased in system or in standard
EPROM programmers.
The standard MX26L1620 offers access time as fast as
90ns, allowing operation of high-speed microprocessors
without wait states. To eliminate bus contention, the
MX26L1620 has separate chip enable (CE) and output
enable OE controls. MXIC's MTP EPROMTM augment
EPROM functionality with in-circuit electrical erasure and
programming. The MX26L1620 uses a command register
to manage this functionality.
MXIC's MTP EPROMTM technology reliably stores
memory contents even after 100 erase and program
cycles. The MXIC cell is designed to optimize the erase
and program mechanisms. In addition, the combination of
advanced tunnel oxide processing and low internal
electric fields for erase and programming operations
produces reliable cycling.
The MX26L1620 uses a 2.7V to 3.6V VCC supply to
perform the High Reliability Erase and auto Program/
Erase algorithms.
The highest degree of latch-up protection is achieved with
MXIC's proprietary non-epiprocess. Latch-up protection
is proved for stresses up to 100 milliamps on address and
data pin from -1V to VCC +1V.


Similar Part No. - MX26L1620TC-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX26L12811MC ETC1-MX26L12811MC Datasheet
248Kb / 32P
   128M [x8/x16] SINGLE 3V PAGE MODE MTP MEMORY
MX26L12811MC-12 ETC1-MX26L12811MC-12 Datasheet
248Kb / 32P
   128M [x8/x16] SINGLE 3V PAGE MODE MTP MEMORY
More results

Similar Description - MX26L1620TC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26C1000A MCNIX-MX26C1000A Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000B MCNIX-MX26C1000B Datasheet
1,016Kb / 23P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26L3220 MCNIX-MX26L3220 Datasheet
1Mb / 38P
   32M-BIT [2M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX26L6420 MCNIX-MX26L6420 Datasheet
1Mb / 39P
   64M-BIT [4M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
logo
List of Unclassifed Man...
MX26C512A ETC1-MX26C512A Datasheet
114Kb / 16P
   512K-BIT [64K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
logo
Macronix International
MX26C2000B MCNIX-MX26C2000B Datasheet
1,016Kb / 23P
   2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C4000B MCNIX-MX26C4000B Datasheet
957Kb / 20P
   4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX27C1100 MCNIX-MX27C1100 Datasheet
786Kb / 19P
   1M-BIT [128K x 8/64K x 16] CMOS EPROM
MX27C1610 MCNIX-MX27C1610 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com