Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX23L6410YC-12 Datasheet(PDF) 2 Page - Macronix International

Part # MX23L6410YC-12
Description  64M-BIT (8M x 8 / 4M x 16) Mask ROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L6410YC-12 Datasheet(HTML) 2 Page - Macronix International

  MX23L6410YC-12 Datasheet HTML 1Page - Macronix International MX23L6410YC-12 Datasheet HTML 2Page - Macronix International MX23L6410YC-12 Datasheet HTML 3Page - Macronix International MX23L6410YC-12 Datasheet HTML 4Page - Macronix International MX23L6410YC-12 Datasheet HTML 5Page - Macronix International MX23L6410YC-12 Datasheet HTML 6Page - Macronix International MX23L6410YC-12 Datasheet HTML 7Page - Macronix International MX23L6410YC-12 Datasheet HTML 8Page - Macronix International MX23L6410YC-12 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
P/N:PM0408
REV. 3.7, JUL. 29, 2004
MX23L6410
48 TSOP (NORMAL TYPE)
48 TSOP (REVERSE TYPE)
BYTE
A16
A15
A14
A13
A12
A11
A10
A9
A8
A19
A21
A20
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
VSS
VSS
D15/A-1
D7
D14
D6
D13
D5
D12
D4
VCC
VCC
NC
D11
D3
D10
D2
D9
D1
D8
D0
OE
VSS
VSS
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
MX23L6410
(Normal Type)
BYTE
A16
A15
A14
A13
A12
A11
A10
A9
A8
A19
A21
A20
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
VSS
VSS
D15/A-1
D7
D14
D6
D13
D5
D12
D4
VCC
VCC
NC
D11
D3
D10
D2
D9
D1
D8
D0
OE
VSS
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
MX23L6410
(Reverse Type)
PIN DESCRIPTION
Symbol
Pin Function
A0~A21
Address Inputs
D0~D14
Data Outputs
D15/A-1
D15 (Word Mode) / LSB Address (Byte
Mode)
CE
Chip Enable Input
OE
Output Enable Input
Byte
Word / Byte Mode Selection
VCC
Power Supply Pin
VSS
Ground Pin
NC
No Connection
PIN CONFIGURATION
44 SOP/44 TSOP
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A21
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
VSS
OE
D0
D8
D1
D9
D2
D10
D3
D11
A20
A19
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE
VSS
D15/A-1
D7
D14
D6
D13
D5
D12
D4
VCC
MODE SELECTION
CE
OE
Byte
D15/A-1
D0~D7
D8~D15
Mode
Power
H
X
X
X
High Z
High Z
-
Stand-by
L
H
X
X
High Z
High Z
-
Active
L
L
H
Output
D0~D7
D8~D15
Word
Active
L
L
L
Input
D0~D7
High Z
Byte
Active


Similar Part No. - MX23L6410YC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L6410A MCNIX-MX23L6410A Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6410AMC-70G MCNIX-MX23L6410AMC-70G Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6410AMC-90G MCNIX-MX23L6410AMC-90G Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6410ATC-70 MCNIX-MX23L6410ATC-70 Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6410ATC-70G MCNIX-MX23L6410ATC-70G Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
More results

Similar Description - MX23L6410YC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L6411 MCNIX-MX23L6411 Datasheet
487Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM with Page Mode
logo
AMIC Technology
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L2617 AMICC-A23L2617 Datasheet
213Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
A23L26166 AMICC-A23L26166 Datasheet
197Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
A23L3616 AMICC-A23L3616 Datasheet
193Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
logo
AMIC Technology
A23L1616 AMICC-A23L1616 Datasheet
124Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
A23L1616 AMICC-A23L1616_15 Datasheet
160Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com