Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK9615-100A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK9615-100A
Description  N-channel TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9615-100A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK9615-100A_15 Datasheet HTML 2Page - NXP Semiconductors BUK9615-100A_15 Datasheet HTML 3Page - NXP Semiconductors BUK9615-100A_15 Datasheet HTML 4Page - NXP Semiconductors BUK9615-100A_15 Datasheet HTML 5Page - NXP Semiconductors BUK9615-100A_15 Datasheet HTML 6Page - NXP Semiconductors BUK9615-100A_15 Datasheet HTML 7Page - NXP Semiconductors BUK9615-100A_15 Datasheet HTML 8Page - NXP Semiconductors BUK9615-100A_15 Datasheet HTML 9Page - NXP Semiconductors BUK9615-100A_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BUK9615-100A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 19 April 2011
6 of 13
NXP Semiconductors
BUK9615-100A
N-channel TrenchMOS logic level FET
Tj = 25 °C
Tj = 25 °C
Fig 7.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 8.
Drain-source on-state resistance as a function
of drain current; typical values
Tj = 25 °C
VDS > ID x RDSon
Fig 9.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
Fig 10. Transfer characteristics: drain current as a
function of gate-source voltage; typical values
100
150
50
200
250
ID
(A)
0
VDS (V)
010
8
46
2
003aaf368
4.0
3.8
3.6
3.2
3.0
2.8
2.6
2.4
3.4
VGS (V) = 10
5
11
17
15
13
19
RDS(on)
(m
Ω)
ID (A)
0
100
80
20
40
60
003aaf369
VGS (V) = 3.0
3.2
3.4
3.6
4.0
5.0
10.5
13.5
12.5
11.5
14.5
RDS(on)
(m
Ω)
VGS (V)
311
9
57
003aaf370
40
60
20
80
ID
(A)
0
VGS (V)
04
3
12
003aaf371
100
Tj = 25 °C
Tj = 175 °C


Similar Part No. - BUK9615-100A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9615-100A PHILIPS-BUK9615-100A Datasheet
70Kb / 9P
   N-Channel Enhancement mode logic Level field-Effect power Transistor
November 1999-Rev 1.000
logo
Inchange Semiconductor ...
BUK9615-100A ISC-BUK9615-100A Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9615-100A NEXPERIA-BUK9615-100A Datasheet
724Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 3 - 19 April 2011
More results

Similar Description - BUK9615-100A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com