Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23C3210-15 Datasheet(PDF) 1 Page - Macronix International

Part # 23C3210-15
Description  5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

23C3210-15 Datasheet(HTML) 1 Page - Macronix International

  23C3210-15 Datasheet HTML 1Page - Macronix International 23C3210-15 Datasheet HTML 2Page - Macronix International 23C3210-15 Datasheet HTML 3Page - Macronix International 23C3210-15 Datasheet HTML 4Page - Macronix International 23C3210-15 Datasheet HTML 5Page - Macronix International 23C3210-15 Datasheet HTML 6Page - Macronix International 23C3210-15 Datasheet HTML 7Page - Macronix International 23C3210-15 Datasheet HTML 8Page - Macronix International 23C3210-15 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
P/N:PM0247
REV. 3.5, JUN. 30, 2004
FEATURES
• Bit organization
- 4M x 8 (byte mode)
- 2M x 16 (word mode)
• Fast access time
- Random access: 100ns (max.)
• Current
- Operating:60mA
- Standby:100uA
• Supply voltage
- 5V
±10%
• Package
- 44 pin SOP (500mil)
- 48 pin TSOP (12mm x 20mm)
- 42 pin DIP (600 mil) (word mode)
- 44 pin TSOP (Type II)
PIN DESCRIPTION
Symbol
Pin Function
A0~A20
Address Inputs
D0~D14
Data Outputs
D15/A-1
D15 (Word Mode)/ LSB Address
(Byte Mode)
CE
Chip Enable Input
OE
Output Enable Input
Byte
Word/ Byte Mode Selection
VCC
Power Supply Pin
VSS
Ground Pin
NC
No Connection
PIN CONFIGURATION
44 SOP/44 TSOP
42 DIP (For Word Mode Only)
MX23C3210
5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
NC
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
VSS
OE
D0
D8
D1
D9
D2
D10
D3
D11
A20
A19
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE
VSS
D15/A-1
D7
D14
D6
D13
D5
D12
D4
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
VSS
OE
D0
D8
D1
D9
D2
D10
D3
D11
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
A19
A8
A9
A10
A11
A12
A13
A14
A15
A16
A20
VSS
D15
D7
D14
D6
D13
D5
D12
D4
VCC
48 TSOP (Normal Type)
48 TSOP (Reverse Type)
BYTE
A16
A15
A14
A13
A12
A11
A10
A9
A8
A19
VSS
A20
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE/CE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
VSS
VSS
D15/A-1
D7
D14
D6
D13
D5
D12
D4
VCC
VCC
NC
D11
D3
D10
D2
D9
D1
D8
D0
OE/OE
VSS
VSS
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
MX23C3210
(Normal Type)
BYTE
A16
A15
A14
A13
A12
A11
A10
A9
A8
A19
VSS
A20
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE/CE
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
VSS
VSS
D15/A-1
D7
D14
D6
D13
D5
D12
D4
VCC
VCC
NC
D11
D3
D10
D2
D9
D1
D8
D0
OE/OE
VSS
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
MX23C3210
(Reverse Tpye)


Similar Part No. - 23C3210-15

ManufacturerPart #DatasheetDescription
logo
Macronix International
23C1010 MCNIX-23C1010 Datasheet
116Kb / 7P
   1M-BIT MASK ROM (8 BIT OUTPUT)
logo
Grayhill, Inc
23C1024 GRAYHILL-23C1024 Datasheet
464Kb / 3P
   SEALED TERMINAL AND WIRE LEAD OPTIONS OPTION -E AND -EW
23C1024-1 GRAYHILL-23C1024-1 Datasheet
57Kb / 1P
   Momentary Contact 100,000 Cycles of Operation
logo
Rosenberger Hochfrequen...
23C11D-40ML5 ROSENBERGER-23C11D-40ML5 Datasheet
335Kb / 2P
   All dimensions are in mm; tolerances according to ISO 2768 m-H
23C11E-40ML5 ROSENBERGER-23C11E-40ML5 Datasheet
344Kb / 2P
   All dimensions are in mm; tolerances according to ISO 2768 m-H
More results

Similar Description - 23C3210-15

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C3211 MCNIX-MX23C3211 Datasheet
514Kb / 8P
   5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM with Page Mode
MX23C1610 MCNIX-MX23C1610 Datasheet
768Kb / 11P
   5 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610 MCNIX-MX23L1610 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23C1611 MCNIX-MX23C1611 Datasheet
477Kb / 9P
   5 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
logo
AMIC Technology
A23L1616 AMICC-A23L1616 Datasheet
124Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
A23L1616 AMICC-A23L1616_15 Datasheet
160Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23L6422 MCNIX-MX23L6422 Datasheet
181Kb / 7P
   3.3 Volt 64M-BIT (4M x 16 / 2M x 32) Mask ROM with Page Mode
MX23L1611 MCNIX-MX23L1611 Datasheet
478Kb / 9P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
logo
Generalplus Technology ...
GPR23L1611D GENERALPLUS-GPR23L1611D Datasheet
187Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com