Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQD10N30-330H Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SQD10N30-330H
Description  Automotive N-Channel 300 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD10N30-330H Datasheet(HTML) 5 Page - Vishay Siliconix

  SQD10N30-330H_15 Datasheet HTML 1Page - Vishay Siliconix SQD10N30-330H_15 Datasheet HTML 2Page - Vishay Siliconix SQD10N30-330H_15 Datasheet HTML 3Page - Vishay Siliconix SQD10N30-330H_15 Datasheet HTML 4Page - Vishay Siliconix SQD10N30-330H_15 Datasheet HTML 5Page - Vishay Siliconix SQD10N30-330H_15 Datasheet HTML 6Page - Vishay Siliconix SQD10N30-330H_15 Datasheet HTML 7Page - Vishay Siliconix SQD10N30-330H_15 Datasheet HTML 8Page - Vishay Siliconix SQD10N30-330H_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SQD10N30-330H
www.vishay.com
Vishay Siliconix
S15-1136-Rev. C, 12-May-15
5
Document Number: 67070
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1000
V
DS -Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
Limited by R
DS(on)*
1 ms
I
DM Limited
T
C = 25 °C
Single Pulse
BVDSS Limited
10 ms
100 μs
100 ms, 1s, 10 s, DC
Square Wave Pulse Duration (s)
2
1
0.1
0.01
10-4
10-3
10-2
10-1
10
1000
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
100
1


Similar Part No. - SQD10N30-330H_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD10N30-330H-GE3 VISHAY-SQD10N30-330H-GE3 Datasheet
210Kb / 10P
   Automotive N-Channel 300 V (D-S) 175 째C MOSFET
01-Jan-2022
SQD10N30-330H VISHAY-SQD10N30-330H_V01 Datasheet
210Kb / 10P
   Automotive N-Channel 300 V (D-S) 175 째C MOSFET
01-Jan-2022
SQD10N30-330H VISHAY-SQD10N30-330H_V02 Datasheet
209Kb / 10P
   Automotive N-Channel 300 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQD10N30-330H_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM35N30-97 VISHAY-SQM35N30-97_15 Datasheet
234Kb / 11P
   Automotive N-Channel 300 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
SQD10N30-330H VISHAY-SQD10N30-330H_V02 Datasheet
209Kb / 10P
   Automotive N-Channel 300 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM35N30-97 VISHAY-SQM35N30-97 Datasheet
235Kb / 10P
   Automotive N-Channel 300 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD10N30-330H VISHAY-SQD10N30-330H_V01 Datasheet
210Kb / 10P
   Automotive N-Channel 300 V (D-S) 175 째C MOSFET
01-Jan-2022
SQM35N30-97 VISHAY-SQM35N30-97_V01 Datasheet
236Kb / 10P
   Automotive N-Channel 300 V (D-S) 175 째C MOSFET
01-Jan-2022
SQD50N04-3M5L VISHAY-SQD50N04-3M5L Datasheet
163Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. B, 20-Aug-12
SQM120N08-05 VISHAY-SQM120N08-05 Datasheet
173Kb / 9P
   Automotive N-Channel 75 V (D-S) 175 °C MOSFET
Rev. C, 12-Dec-11
SQM120N03-1M5L VISHAY-SQM120N03-1M5L Datasheet
173Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQS400EN VISHAY-SQS400EN Datasheet
563Kb / 13P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 31-Oct-11
SQM85N15 VISHAY-SQM85N15 Datasheet
745Kb / 9P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. D, 17-Oct-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com