Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX23L1611PC-12 Datasheet(PDF) 4 Page - Macronix International

Part # MX23L1611PC-12
Description  3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L1611PC-12 Datasheet(HTML) 4 Page - Macronix International

  MX23L1611PC-12 Datasheet HTML 1Page - Macronix International MX23L1611PC-12 Datasheet HTML 2Page - Macronix International MX23L1611PC-12 Datasheet HTML 3Page - Macronix International MX23L1611PC-12 Datasheet HTML 4Page - Macronix International MX23L1611PC-12 Datasheet HTML 5Page - Macronix International MX23L1611PC-12 Datasheet HTML 6Page - Macronix International MX23L1611PC-12 Datasheet HTML 7Page - Macronix International MX23L1611PC-12 Datasheet HTML 8Page - Macronix International MX23L1611PC-12 Datasheet HTML 9Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
P/N:PM0449
REV. 2.2, MAY 11, 2004
MX23L1611
AC Test Conditions
Input Pulse Levels
0.4V~ 2.6V
Input Rise and Fall Times
10ns
Input Timing Level
1.4V
Output Timing Level
1.4V
Output Load
See Figure
TIMING DIAGRAM
RANDOM READ
PAGE READ
Note:
No output loading is present in tester load board.
Active loading is used and under software programming control.
Output loading capacitance includes load board's and all stray capacitance.
DOUT
C<100pF
IOL (load)=1.6mA
IOH (load)=-0.4mA
tACE
tAA
tOH
tHZ
ADD
ADD
ADD
ADD
CE
OE
DATA
VALID
VALID
VALID
tRC
tOE
A3-A19
(A-1),A0,A1,A2
DATA
Note: CE, OE are enable.
Page size is 8 words in 16-bit mode, 16 bytes in 8-bit mode.
VALID ADD
VALID
1'st ADD
2'nd ADD
tPA
tAA
3'rd ADD
VALID
VALID


Similar Part No. - MX23L1611PC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L1610 MCNIX-MX23L1610 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-10 MCNIX-MX23L1610MC-10 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-10G MCNIX-MX23L1610MC-10G Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-12 MCNIX-MX23L1610MC-12 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-12G MCNIX-MX23L1610MC-12G Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
More results

Similar Description - MX23L1611PC-12

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPR23L1611D GENERALPLUS-GPR23L1611D Datasheet
187Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
logo
Macronix International
MX23L1610 MCNIX-MX23L1610 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23C1611 MCNIX-MX23C1611 Datasheet
477Kb / 9P
   5 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
MX23C1610 MCNIX-MX23C1610 Datasheet
768Kb / 11P
   5 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23C3211 MCNIX-MX23C3211 Datasheet
514Kb / 8P
   5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM with Page Mode
MX23L6422 MCNIX-MX23L6422 Datasheet
181Kb / 7P
   3.3 Volt 64M-BIT (4M x 16 / 2M x 32) Mask ROM with Page Mode
MX23C3210 MCNIX-MX23C3210 Datasheet
770Kb / 11P
   5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L0616 AMICC-A23L0616 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L2617 AMICC-A23L2617 Datasheet
213Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com