Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX23L3210TC-15 Datasheet(PDF) 3 Page - Macronix International

Part # MX23L3210TC-15
Description  32M-BIT (4M x 8 / 2M x 16) Mask ROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L3210TC-15 Datasheet(HTML) 3 Page - Macronix International

  MX23L3210TC-15 Datasheet HTML 1Page - Macronix International MX23L3210TC-15 Datasheet HTML 2Page - Macronix International MX23L3210TC-15 Datasheet HTML 3Page - Macronix International MX23L3210TC-15 Datasheet HTML 4Page - Macronix International MX23L3210TC-15 Datasheet HTML 5Page - Macronix International MX23L3210TC-15 Datasheet HTML 6Page - Macronix International MX23L3210TC-15 Datasheet HTML 7Page - Macronix International MX23L3210TC-15 Datasheet HTML 8Page - Macronix International MX23L3210TC-15 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
P/N:PM0370
REV. 3.1, MAY 19, 2004
MX23L3210
Address
Buffer
Memory
Array
Sense
Amplifier
Word/
Byte
Output
Buffer
D0
D15/(D7)
A0/(A-1)
A20
CE
BYTE
OE
ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Ratings
Voltage on any Pin Relative to VSS
VIN
-0.3V to 3.9V
Ambient Operating Temperature
Topr
0
°C to 70°C
Storage Temperature
Tstg
-65
°C to 125°C
BLOCK DIAGRAM
DC CHARACTERISTICS (Ta = 0
° C ~ 70° C, VCC = 2.7V~3.6V)
Item
Symbol
MIN.
MAX.
Conditions
Output High Voltage
VOH
2.3V
-
IOH = -0.4mA
Output Low Voltage
VOL
-
0.4V
IOL = 1.6mA
Input High Voltage
VIH
2.1V
VCC+0.3V
Input Low Voltage
VIL
-0.3V
0.2xVCC
Input Leakage Current
ILI
-
5uA
0V, VCC
Output Leakage Current
ILO
-
5uA
0V, VCC
Operating Current
ICC1
-
40mA
tRC = 120ns, all output open
Standby Current (TTL)
ISTB1
-
1mA
CE = VIH
Standby Current (CMOS)
ISTB2
-
15uA
CE>VCC-0.2V
Input Capacitance
CIN
-
10pF
Ta = 25
° C, f = 1MHZ
Output Capacitance
COUT
-
10pF
Ta = 25
° C, f = 1MHZ


Similar Part No. - MX23L3210TC-15

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L3211 MCNIX-MX23L3211 Datasheet
488Kb / 10P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23L3211MC-10 MCNIX-MX23L3211MC-10 Datasheet
488Kb / 10P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23L3211MC-10G MCNIX-MX23L3211MC-10G Datasheet
488Kb / 10P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23L3211MC-12 MCNIX-MX23L3211MC-12 Datasheet
488Kb / 10P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23L3211MC-12G MCNIX-MX23L3211MC-12G Datasheet
488Kb / 10P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
More results

Similar Description - MX23L3210TC-15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L1616 AMICC-A23L1616 Datasheet
124Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
A23L1616 AMICC-A23L1616_15 Datasheet
160Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
logo
AMIC Technology
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
logo
AMIC Technology
A23L2616 AMICC-A23L2616 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
logo
Fujitsu Component Limit...
MBM29DL32XTD FUJITSU-MBM29DL32XTD Datasheet
1Mb / 84P
   32M (4M X 8/2M X 16) BIT Dual Operation
MBM29DL32XTE FUJITSU-MBM29DL32XTE Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L0616 AMICC-A23L0616 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com