Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX23C3210PC-10G Datasheet(PDF) 2 Page - Macronix International

Part # MX23C3210PC-10G
Description  5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23C3210PC-10G Datasheet(HTML) 2 Page - Macronix International

  MX23C3210PC-10G Datasheet HTML 1Page - Macronix International MX23C3210PC-10G Datasheet HTML 2Page - Macronix International MX23C3210PC-10G Datasheet HTML 3Page - Macronix International MX23C3210PC-10G Datasheet HTML 4Page - Macronix International MX23C3210PC-10G Datasheet HTML 5Page - Macronix International MX23C3210PC-10G Datasheet HTML 6Page - Macronix International MX23C3210PC-10G Datasheet HTML 7Page - Macronix International MX23C3210PC-10G Datasheet HTML 8Page - Macronix International MX23C3210PC-10G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
P/N:PM0247
REV. 3.5, JUN. 30, 2004
MX23C3210
ORDER INFORMATION
Part No.
Access
Package
Remark
MX23C3210MC-10
100ns
44 pin SOP
MX23C3210MC-12
120ns
44 pin SOP
MX23C3210MC-15
150ns
44 pin SOP
MX23C3210TC-10
100ns
48 pin TSOP
MX23C3210TC-12
120ns
48 pin TSOP
MX23C3210TC-15
150ns
48 pin TSOP
MX23C3210RC-10
100ns
48 pin TSOP (Reverse type)
MX23C3210RC-12
120ns
48 pin TSOP (Reverse type)
MX23C3210RC-15
150ns
48 pin TSOP (Reverse type)
MX23C3210PC-10
100ns
42 pin DIP
MX23C3210PC-12
120ns
42 pin DIP
MX23C3210PC-15
150ns
42 pin DIP
MX23C3210YC-10
100ns
44 pin TSOP
MX23C3210YC-12
120ns
44 pin TSOP
MX23C3210YC-15
150ns
44 pin TSOP
MX23C3210TI-10*
100ns
48 pin TSOP
MX23C3210TI-12*
120ns
48 pin TSOP
MX23C3210MC-10G
100ns
44 pin SOP
Pb-free
MX23C3210MC-12G
120ns
44 pin SOP
Pb-free
MX23C3210PC-10G
100ns
42 pin DIP
Pb-free
MX23C3210PC-12G
120ns
42 pin DIP
Pb-free
MX23C3210TC-10G
100ns
48 pin TSOP
Pb-free
MX23C3210TC-12G
120ns
48 pin TSOP
Pb-free
MODE SELECTION
CE
OE
Byte
D15/A-1
D0~D7
D8~D15
Mode
Power
H
X
X
X
High Z
High Z
-
Stand-by
L
H
X
X
High Z
High Z
-
Active
L
L
H
Output
D0~D7
D8~D15
Word
Active
L
L
L
Input
D0~D7
High Z
Byte
Active
*Note:Temperature:-40
°C~85°C


Similar Part No. - MX23C3210PC-10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C3210PC-10 MCNIX-MX23C3210PC-10 Datasheet
118Kb / 8P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
More results

Similar Description - MX23C3210PC-10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C3211 MCNIX-MX23C3211 Datasheet
514Kb / 8P
   5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM with Page Mode
MX23C1610 MCNIX-MX23C1610 Datasheet
768Kb / 11P
   5 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610 MCNIX-MX23L1610 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23C1611 MCNIX-MX23C1611 Datasheet
477Kb / 9P
   5 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
logo
AMIC Technology
A23L1616 AMICC-A23L1616 Datasheet
124Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
A23L1616 AMICC-A23L1616_15 Datasheet
160Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23L6422 MCNIX-MX23L6422 Datasheet
181Kb / 7P
   3.3 Volt 64M-BIT (4M x 16 / 2M x 32) Mask ROM with Page Mode
MX23L1611 MCNIX-MX23L1611 Datasheet
478Kb / 9P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
logo
Generalplus Technology ...
GPR23L1611D GENERALPLUS-GPR23L1611D Datasheet
187Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com