Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28227FUZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL28227FUZ
Description  Precision Single and Dual Low Noise Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28227FUZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL28227FUZ Datasheet HTML 5Page - Intersil Corporation ISL28227FUZ Datasheet HTML 6Page - Intersil Corporation ISL28227FUZ Datasheet HTML 7Page - Intersil Corporation ISL28227FUZ Datasheet HTML 8Page - Intersil Corporation ISL28227FUZ Datasheet HTML 9Page - Intersil Corporation ISL28227FUZ Datasheet HTML 10Page - Intersil Corporation ISL28227FUZ Datasheet HTML 11Page - Intersil Corporation ISL28227FUZ Datasheet HTML 12Page - Intersil Corporation ISL28227FUZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
ISL28127, ISL28227
9
FN6633.7
September 10, 2015
FIGURE 9. IB+ vs TEMPERATURE vs SUPPLY VOLTAGE
FIGURE 10. IB- vs TEMPERATURE vs SUPPLY VOLTAGE
FIGURE 11. IOS vs TEMPERATURE vs SUPPLY VOLTAGE
FIGURE 12. INPUT OFFSET VOLTAGE vs INPUT COMMON MODE
VOLTAGE, VS = ±15V
FIGURE 13. INPUT OFFSET VOLTAGE DISTRIBUTION, VS = ±15V
FIGURE 14. INPUT OFFSET VOLTAGE DISTRIBUTION, VS = ±5V
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
-5000
-4000
-3000
-2000
-1000
1000
2000
3000
4000
5000
-50
0
50
100
150
TEMPERATURE (°C)
0
VS = ±5
VS = ±15
-5000
-4000
-3000
-2000
-1000
1000
2000
3000
4000
5000
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (°C)
0
VS = ±5
VS = ±15
-5000
-4000
-3000
-2000
-1000
0
1000
2000
3000
4000
5000
-50
-25
0
255075
100
125
150
TEMPERATURE (°C)
VS = ±5
VS = ±15
INPUT COMMON MODE VOLTAGE
-60
-40
-20
0
20
40
60
-15
-10
-5
0
5
10
15
+25°C
+125°C
-40°C
AVERAGE
29 UNITS
600
500
400
300
200
100
0
-70 -55 -40 -25 -10
5
20
35
50
65
VOS (µV)
VS = ±15V
600
500
400
300
200
100
0
-70 -55 -40 -25 -10
5
20
35
50
65
VOS (µV)
VS = ±5V


Similar Part No. - ISL28227FUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28227FUZ INTERSIL-ISL28227FUZ Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28227FUZ INTERSIL-ISL28227FUZ Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28227FUZ RENESAS-ISL28227FUZ Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
More results

Similar Description - ISL28227FUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com