Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28236FUZ-T7A Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL28236FUZ-T7A
Description  5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28236FUZ-T7A Datasheet(HTML) 4 Page - Intersil Corporation

  ISL28236FUZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL28236FUZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL28236FUZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL28236FUZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL28236FUZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL28236FUZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL28236FUZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL28236FUZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL28236FUZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ISL28236
4
FN6921.2
July 24, 2014
Submit Document Feedback
VOUT
Maximum Output Voltage Swing
Output low, RL = 100kΩto VCM
110
10
mV
Output low, RL = 1kΩto VCM
47
70
90
mV
Output high, RL = 100kΩto VCM
4.99
4.99
4.997
V
Output high, RL = 1kΩto VCM
4.93
4.91
4.952
V
IS
Supply Current
2
2.5
2.6
mA
IO+
Short-Circuit Output Source Current
RL = 10Ωto VCM
50
40
70
mA
IO-
Short-Circuit Output Sink Current
RL = 10Ωto VCM
50
40
70
mA
VSUPPLY
Supply Operating Range
V+ to V-
2.4
5.5
V
AC SPECIFICATIONS
GBW
Gain Bandwidth Product
AV = 100, RF = 100kΩRG = RL = 10kΩto
VCM
5MHz
eN
Input Noise Voltage Peak-to-Peak
f = 0.1Hz to 10Hz,
RL = 10kΩto VCM
0.4
µVP-P
Input Noise Voltage Density
fO = 1kHz,RL = 10kΩto VCM
15
nV/√Hz
iN
Input Noise Current Density
fO = 10kHz,RL = 10kΩto VCM
0.35
pA/√Hz
CMRR
at 120Hz
Input Common Mode Rejection Ratio
VCM = 0.1VP-P, RL = 10kΩto VCM
90
dB
PSRR+
at 120Hz
Power Supply Rejection Ratio (V+)
V+, V- = ±1.2V and ±2.5V,
VSOURCE = 0.1VP-P, RL = 10kΩto VCM
88
dB
PSRR-
at 120Hz
Power Supply Rejection Ratio (V-)
V+, V- = ±1.2V and ±2.5V
VSOURCE = 0.1VP-P, RL = 10kΩto VCM
105
dB
Crosstalk at
10kHz
Channel A to Channel B
V+, V- = ±2.5V; AV = 1
VSOURCE = 0.4VP-P, RL = 10kΩto VCM
140
dB
TRANSIENT RESPONSE
SR
Slew Rate
VOUT = ±1.5V; Rf = 50kΩ RG = 50kΩto VCM
±1.8
V/µs
tr, tf, Large
Signal
Rise Time, 10% to 90%, VOUT
AV = -1, VOUT = 4VP-P, RL = 10kΩto VCM
2.1
µs
Fall Time, 90% to 10%, VOUT
AV = -1, VOUT = 4VP-P, RL = 10kΩto VCM
2µs
tr, tf, Small
Signal
Rise Time, 10% to 90%, VOUT
AV = +1, VOUT = 100mVP-P,
RL = 10kΩto VCM
60
ns
Fall Time, 90% to 10%, VOUT
AV = +1 VOUT = 100mVP-P,
RL = 10kΩto VCM
50
ns
ts,
Settling Time to 0.01%; 4V Step
VOUT = 4VP-P; RL = 10kΩto VCM
5.1
µs
NOTE:
6. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open, TA = +25°C unless otherwise specified. Boldface limits apply across
the operating temperature range, -40°C to +125°C. Temperature data established by characterization. (Continued)
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNITS
ISL28236


Similar Part No. - ISL28236FUZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28236FUZ-T7A RENESAS-ISL28236FUZ-T7A Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
More results

Similar Description - ISL28236FUZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28236 RENESAS-ISL28236 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28136 INTERSIL-ISL28136 Datasheet
767Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
ISL28136 INTERSIL-ISL28136_11 Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com