Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28127FBZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL28127FBZ
Description  Precision Single and Dual Low Noise Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28127FBZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL28127FBZ Datasheet HTML 1Page - Intersil Corporation ISL28127FBZ Datasheet HTML 2Page - Intersil Corporation ISL28127FBZ Datasheet HTML 3Page - Intersil Corporation ISL28127FBZ Datasheet HTML 4Page - Intersil Corporation ISL28127FBZ Datasheet HTML 5Page - Intersil Corporation ISL28127FBZ Datasheet HTML 6Page - Intersil Corporation ISL28127FBZ Datasheet HTML 7Page - Intersil Corporation ISL28127FBZ Datasheet HTML 8Page - Intersil Corporation ISL28127FBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ISL28127, ISL28227
4
FN6633.7
September 10, 2015
Absolute Maximum Ratings
Thermal Information
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42V
Maximum Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Maximum Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.5V
Min/Max Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
Max/Min Input Current for
Input Voltage >V+ or <V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±20mA
Output Short-Circuit Duration
(1 Output at a Time) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite
ESD Tolerance
Human Body Model (Tested per JESD22-A114F)
ISL28127. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.0kV
ISL28227. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6.0kV
Machine Model (Tested per EIA/JESD22-A115-A) . . . . . . . . . . . . . . 500V
Charged Device Model (Tested per JESD22-C101D) . . . . . . . . . . . .1.5kV
Di-electrically Isolated PR40 process . . . . . . . . . . . . . . . . . . . Latch-up free
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
8 Ld SOIC (Note 5, 7)
ISL28127. . . . . . . . . . . . . . . . . . . . . . . . . .
120
60
ISL28227. . . . . . . . . . . . . . . . . . . . . . . . . .
110
55
8 Ld TDFN (Notes 4, 6)
ISL28127. . . . . . . . . . . . . . . . . . . . . . . . . .
48
7
ISL28227. . . . . . . . . . . . . . . . . . . . . . . . . .
47
6
8 Ld MSOP (Note 5, 7)
ISL28127. . . . . . . . . . . . . . . . . . . . . . . . . .
155
50
ISL28227. . . . . . . . . . . . . . . . . . . . . . . . . .
150
45
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Ambient Operating Temperature Range . . . . . . . . . . . . . .-40°C to +125°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . . . . .+150°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
7. For
JC, the “case temp” location is taken at the package top center.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise
noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications V
S ±15V, VCM = 0, VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits apply over
the operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
VOS
Offset Voltage; SOIC Package
ISL28127
-70
10
70
µV
-120
-
120
µV
ISL28227
-75
10
75
µV
-150
-
150
µV
Offset Voltage;
MSOP Grade B Package
ISL28127
-70
-10
70
µV
-150
-
150
µV
Offset Voltage;
TDFN Grade B Package
ISL28127
-75
-10
75
µV
-160
-
160
µV
Offset Voltage;
MSOP, TDFN Grade B Package
ISL28227
-75
-10
75
µV
-150
-
150
µV
Offset Voltage;
MSOP, TDFN Grade C Package
ISL28127
ISL28227
-150
-10
150
µV
-250
-
250
µV


Similar Part No. - ISL28127FBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127FBZ RENESAS-ISL28127FBZ Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
More results

Similar Description - ISL28127FBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com