Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL24020IHTZ-T7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL24020IHTZ-T7
Description  Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24020IHTZ-T7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL24020IHTZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6735.0
October 2, 2008
ISL24020
TSOT Package Family
e1
N
A
D
E
4
(N/2)
2
1
E1
0.15
D
C
2X
0.25 C
2X N/2 TIPS
e
B
ddd M
D
C A-B
b
NX
6
2
3
5
SEATING
PLANE
0.10 C
NX
1
3
C
D
0.15
A-B
C
2X
A2
A1
H
c
(L1)
L
0.25
4¬¨Ðó
GAUGE
PLANE
A
MDP0049
TSOT PACKAGE FAMILY
SYMBOL
MILLIMETERS
TOLERANCE
TSOT5
TSOT6
TSOT8
A
1.00
1.00
1.00
Max
A1
0.05
0.05
0.05
±0.05
A2
0.87
0.87
0.87
±0.03
b
0.38
0.38
0.29
±0.07
c
0.127
0.127
0.127
+0.07/-0.007
D
2.90
2.90
2.90
Basic
E
2.80
2.80
2.80
Basic
E1
1.60
1.60
1.60
Basic
e
0.95
0.95
0.65
Basic
e1
1.90
1.90
1.95
Basic
L
0.40
0.40
0.40
±0.10
L1
0.60
0.60
0.60
Reference
ddd
0.20
0.20
0.13
-
N
5
6
8
Reference
Rev. B 2/07
NOTES:
1. Plastic or metal protrusions of 0.15mm maximum per side are
not included.
2. Plastic interlead protrusions of 0.15mm maximum per side are
not included.
3. This dimension is measured at Datum Plane “H”.
4. Dimensioning and tolerancing per ASME Y14.5M-1994.
5. Index area - Pin #1 I.D. will be located within the indicated zone
(TSOT6 AND TSOT8 only).
6. TSOT5 version has no center lead (shown as a dashed line).


Similar Part No. - ISL24020IHTZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24020IHTZ-T7 INTERSIL-ISL24020IHTZ-T7 Datasheet
194Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
logo
Renesas Technology Corp
ISL24020IHTZ-T7 RENESAS-ISL24020IHTZ-T7 Datasheet
584Kb / 10P
   Low Cost, 60MHz Rail-to-RailInput-Output Op-Amp
October 2, 2008
More results

Similar Description - ISL24020IHTZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24020 INTERSIL-ISL24020 Datasheet
194Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
ISL24020 RENESAS-ISL24020 Datasheet
584Kb / 10P
   Low Cost, 60MHz Rail-to-RailInput-Output Op-Amp
October 2, 2008
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111IWTZ-T7 INTERSIL-EL5111IWTZ-T7 Datasheet
453Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
August 27, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com