Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL1561IRZ-T13 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL1561IRZ-T13
Description  Fixed Gain Dual Port Class-G Differential xDSL Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1561IRZ-T13 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL1561IRZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Fixed Gain Dual Port Class-G Differential xDSL Line
Driver
ISL1561
The ISL1561 is a fixed gain dual port class-G differential
amplifier designed for driving full rate ADSL2+ and VDSL2
signals at very low power dissipation. The driver runs on a
single +14V power supply and internally generates higher
supply voltages when needed to enable power efficient
operation for high peak-to-average ratio (PAR) ADSL2+ and
VDSL2 signals.
In ADSL2+ mode of operation with full 19.8dBm transmit
signal power across 100
Ω line load, each port consumes only
520mW of power, while with 19.5dBm VDSL2 8b profile a port
consumes 610mW of power. In VDSL2 17a mode of operation
with 14.5dBm transmit power, a port will consume 411mW of
power. These typical power consumption figures account for
receiver hybrid loading effects and transformer losses.
The ISL1561 provides two ports of wideband, current feedback
amplifiers optimized for low power consumption in xDSL
systems. The drivers achieve an average upstream missing
band power ratio (MBPR) distortion of better than -64dBc
under 19.8dBm transmit signal power into 100
Ω load. A three
pin serial interface is used to program an 8-bit internal register
to set each port’s supply current with 0.5mA step size. This
flexibility allows the DSP to optimize each port separately
during modem training.
The device is supplied in a thermally-enhanced small footprint
(4mmx4mm) 24 lead QFN package. The ISL1561 is specified
for operation over the full -40°C to +85°C industrial
temperature range and is Pb-free RoHS compliant.
Features
• Internal fixed gain of 11.6V/V to transformer (see Figure 3)
• 360mA output drive capability
•41.8VP-P differential output drive into 100Ω in class G mode
• VDSL2 8b profile MTPR of -64dBc
• VDSL2 17a profile MTPR of -60dBc
• ADSL2+, VDSL2 8b and 17a power consumption of 520mW,
610mW and 411mW respectively
• 8-bit programmable register to set supply current on each
port
• 3 pin serial port interface
Applications
• Dual port ADSL2+ and VDSL2 DSLAM
Alternate Part
• ISL1591 Class AB VDSL Driver
FIGURE 1. BLOCK DIAGRAM
FIGURE 2. CLASS G+ vs CLASS AB DRIVER TOTAL POWER
CLASS
AB
DRIVER
POWER MANAGEMENT
+14V
ANALOG
INPUT
BIAS
CURRENT
SETTING
SWITCH SIGNAL
BOTH PORTS
SERIAL
INTERFACE
AFE
OUTPUT OF
DRIVER
SUPPLY
RAILS OF
LINE DRIVERS
SCLK
SDATA
BOOST
INP
OUT
CPP
CPSW
CMSW
CMM
CS
1 OF 2
PORTS
0
100
200
300
400
500
600
700
800
900
2
4
6
8
10
12
14
16
18
20
Tx POWER (dBm)
8b CLASS AB
17a CLASS AB
8b CLASS G
17a CLASS G
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas LLC 2012, 2013. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
February 26, 2013
FN7941.1


Similar Part No. - ISL1561IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1561IRZ-T13 INTERSIL-ISL1561IRZ-T13 Datasheet
459Kb / 13P
   3 pin serial port interface
logo
Renesas Technology Corp
ISL1561IRZ-T13 RENESAS-ISL1561IRZ-T13 Datasheet
667Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
More results

Similar Description - ISL1561IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL1561 RENESAS-ISL1561 Datasheet
667Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
logo
Texas Instruments
THS6184 TI1-THS6184_16 Datasheet
1Mb / 39P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
THS6184 TI-THS6184 Datasheet
86Kb / 4P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
   Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com