Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL1539AIRZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL1539AIRZ
Description  Dual Port VDSL2 Line Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1539AIRZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL1539AIRZ Datasheet HTML 5Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 6Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 7Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 8Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 9Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 10Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 11Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 12Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
FN6916.0
September 23, 2009
Typical Performance Curves
VCC = ±12V, RF = 3.2kΩ, GD = 10V/V (differential), RLOAD = 100Ω, TA ≈ +25°C, C1 = 3.3V, C0 = IADJ = 0V (low
power), unless otherwise noted.
FIGURE 13. SMALL SIGNAL FREQUENCY RESPONSE
vs GAIN
FIGURE 14. LARGE SIGNAL FREQUENCY RESPONSE
FIGURE 15. 1MHz HARMONIC DISTORTION vs
OUTPUT SWING
FIGURE 16. 4MHz HARMONIC DISTORTION vs
OUTPUT SWING
FIGURE 17. ADSL2+ DMT
FIGURE 18. 4MHz HARMONIC DISTORTION vs LOAD
-12
-9
-6
-3
0
3
6
9
1M
10M
100M
1G
FREQUENCY (Hz)
AV = 40
AV = 20
AV = 10
VO = 0.5VP-P
AV = 10, RF = 3.2kΩ
AV = 20, RF = 2.8kΩ
AV = 40, RF = 2.4kΩ
2VP-P
20VP-P
5VP-P
0.5VP-P
10VP-P
3rd HD
THD
2nd HD
3rd HD
THD
2nd HD
-100
-80
-60
-40
-20
0
20
1.995M
2.000M
2.005M
-60dBc
FREQUENCY (Hz)
PAR = 5.4
19dBm ON LINE
FIGURE 45 CIRCUIT
3rd HD
THD
2nd HD
ISL1539A


Similar Part No. - ISL1539AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
ISL1539A INTERSIL-ISL1539A Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
ISL1539A INTERSIL-ISL1539A Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
ISL1539A RENESAS-ISL1539A Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
More results

Similar Description - ISL1539AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Intersil Corporation
ISL1591 INTERSIL-ISL1591 Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Renesas Technology Corp
ISL1591 RENESAS-ISL1591 Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Texas Instruments
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Intersil Corporation
ISL1591IRTZ INTERSIL-ISL1591IRTZ Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Texas Instruments
THS6226 TI-THS6226_15 Datasheet
966Kb / 21P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226 TI1-THS6226 Datasheet
693Kb / 20P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com