Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL1533AIRZ-T13 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL1533AIRZ-T13
Description  Dual Channel Differential DSL Line Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1533AIRZ-T13 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL1533AIRZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN8648.0
May 9, 2014
Submit Document Feedback
Pin Descriptions
24 Ld QFN
PIN NAME
FUNCTION
CIRCUIT
1
VINA+
Amplifier A non-inverting input
CIRCUIT 1
2
VINB+
Amplifier B non-inverting input
(Reference Circuit 1)
3GND
Ground connection
4IADJ
(Note 4)
Supply current control pin for both
DSL channels #1 and #2
CIRCUIT 2
5, 10, 16, 21
NC
Not connected
6
VINC+
Amplifier C non-inverting input
(Reference Circuit 1)
7
VIND+
Amplifier D non-inverting input
(Reference Circuit 1)
8
C1CD (Note 5)
DSL channel #2 current control pin
CIRCUIT 3
9
C0CD (Note 5)
DSL channel #2 current control pin
(Reference Circuit 3)
11
VS+
Positive supply
12
VOUTD
Amplifier D output
(Reference Circuit 1)
13
VIND-
Amplifier D inverting input
(Reference Circuit 1)
14
VINC-
Amplifier C inverting input
(Reference Circuit 1)
15
VOUTC
Amplifier C output
(Reference Circuit 1)
17
VOUTB
Amplifier B output
(Reference Circuit 1)
18
VINB-
Amplifier B inverting input
(Reference Circuit 1)
19
VINA-
Amplifier A inverting input
(Reference Circuit 1)
20
VOUTA
Amplifier A output
(Reference Circuit 1)
22
VS-
Negative supply
23
C0AB (Note 6)
DSL channel #1 current control pin
(Reference Circuit 3)
24
C1AB (Note 6)
DSL channel #1 current control pin
(Reference Circuit 3)
NOTES:
4. IADJ controls bias current (IS) setting for both DSL channels.
5. Amplifiers C and D comprise DSL channel #2. C0CD and C1CD control IS settings for DSL channel #2.
6. Amplifiers A and B comprise DSL channel #1. C0AB and C1AB control IS settings for DSL channel #1.
VS+
VS-
7.5k
VS+
GND
IADJ
VS-
VS+
IADJ
20k
COAB
VS+
VS-
50k
2.6V
ISL1533A


Similar Part No. - ISL1533AIRZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL1533AIRZ-T13 RENESAS-ISL1533AIRZ-T13 Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
More results

Similar Description - ISL1533AIRZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1532IRZ INTERSIL-ISL1532IRZ Datasheet
1,008Kb / 19P
   Dual Channel Differential DSL Line Driver
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
   Dual Channel Differential DSL Line Driver
logo
Renesas Technology Corp
ISL1533A RENESAS-ISL1533A Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
ISL1532 RENESAS-ISL1532 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
logo
Intersil Corporation
EL1528 INTERSIL-EL1528 Datasheet
130Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533 INTERSIL-ISL1533 Datasheet
106Kb / 2P
   Dual Channel Differential DSL Line Driver
October 12, 2015
ISL1540 INTERSIL-ISL1540 Datasheet
60Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1541 INTERSIL-ISL1541_06 Datasheet
59Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
   Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com