Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX23C4000TC-10 Datasheet(PDF) 2 Page - Macronix International

Part # MX23C4000TC-10
Description  4M-BIT MASK ROM (8 BIT OUTPUT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23C4000TC-10 Datasheet(HTML) 2 Page - Macronix International

  MX23C4000TC-10 Datasheet HTML 1Page - Macronix International MX23C4000TC-10 Datasheet HTML 2Page - Macronix International MX23C4000TC-10 Datasheet HTML 3Page - Macronix International MX23C4000TC-10 Datasheet HTML 4Page - Macronix International MX23C4000TC-10 Datasheet HTML 5Page - Macronix International MX23C4000TC-10 Datasheet HTML 6Page - Macronix International MX23C4000TC-10 Datasheet HTML 7Page - Macronix International MX23C4000TC-10 Datasheet HTML 8Page - Macronix International MX23C4000TC-10 Datasheet HTML 9Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
P/N:PM0135
REV. 4.2, JUN. 19, 2003
MX23C4000
ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Ratings
Power Supply Voltage
VCC
-0.5V to 7.0V
Input Voltage
VI
-0.5V to VCC + 0.5V
Output Voltage
VO
-0.5V to VCC + 0.5V
Ambient Operating Temperature
Topr
-10
°C to 70°C
Storage Temperature
Tstg
-65
°C to 125°C
AC CHARACTERISTICS (Ta = -10
°°°°° C ~ 70°°°°° C, VCC = 5.0V ±±±±± 10%)
Item
Symbol
23C4000-90
23C4000-10
23C4000-12
23C4000-15
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Read Cycle Time
tRC
90ns
-
100ns
-
120ns
-
150ns
-
Address Access Time
tAA
-
90ns
-
100ns
-
120ns
-
150ns
Chip Enable Access Time
tACE
-
90ns
-
100ns
-
120ns
-
150ns
Output Enable Time
tOE
-
45ns
-
50ns
-
60ns
-
70ns
Output Hold After Address
tOH
0ns
-
0ns
-
0ns
-
0ns
-
Output High Z Delay
tHZ
-
20ns
-
20ns
-
20ns
-
20ns
Note :
Output high-impedance delay (tHZ) is measured from OE or CE going high, and this parameter guaranteed by
design over the full voltage and temperature operating range - not tested.
DC CHARACTERISTICS (Ta = -10
°°°°° C ~ 70°°°°° C, VCC = 5.0V ±±±±± 10%)
Item
Symbol
MIN.
MAX.
Conditions
Output High Voltage
VOH
0.8VCC
-
IOH = -100uA
Output Low Voltage
VOL
-
0.4V
IOL = 2.1mA
Input High Voltage
VIH
2.2V
VCC+0.5V
Input Low Voltage
VIL
-0.3V
0.8V
Input Leakage Current
ILI
-
10uA
0V, VCC
Output Leakage Current
ILO
-
10uA
0V, VCC
Operating Current
ICC1
-
35mA
tRC = 100ns, all output open
Standby Current (TTL)
ISTB1
-
1mA
CE = VIH
Standby Current (CMOS)
ISTB2
-
100uA
CE > VCC - 0.2V
Input Capacitance
CIN
-
10pF
Ta = 25
° C, f = 1MHz
Output Capacitance
COUT
-
10pF
Ta = 25
° C, f = 1MHz
Note: minimum DC voltage on input or I/O pins is -0.5V. During voltage transitions, inputs may undershoot VSS to -
2.0V for periods of up to 20ns. Maximum DC voltage on input or I/O pins is VCC+0.5V. During voltage transitions,
input may overshoot VCC to VCC+2.0V for periods of up to 20ns.


Similar Part No. - MX23C4000TC-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX23C4096 ETC-MX23C4096 Datasheet
53Kb / 6P
   4M-BIT [256K x 16] CMOS MASK ROM
MX23C4096PC-10 ETC-MX23C4096PC-10 Datasheet
53Kb / 6P
   4M-BIT [256K x 16] CMOS MASK ROM
MX23C4096PC-12 ETC-MX23C4096PC-12 Datasheet
53Kb / 6P
   4M-BIT [256K x 16] CMOS MASK ROM
MX23C4096PC-15 ETC-MX23C4096PC-15 Datasheet
53Kb / 6P
   4M-BIT [256K x 16] CMOS MASK ROM
MX23C4096PC-20 ETC-MX23C4096PC-20 Datasheet
53Kb / 6P
   4M-BIT [256K x 16] CMOS MASK ROM
More results

Similar Description - MX23C4000TC-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L4000 MCNIX-MX23L4000 Datasheet
329Kb / 7P
   4M-BIT MASK ROM (8 BIT OUTPUT)
MX23L4100 MCNIX-MX23L4100 Datasheet
457Kb / 7P
   4M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23L8000 MCNIX-MX23L8000 Datasheet
329Kb / 7P
   8M-BIT MASK ROM (8 BIT OUTPUT)
23C1010 MCNIX-23C1010 Datasheet
116Kb / 7P
   1M-BIT MASK ROM (8 BIT OUTPUT)
23C2000 MCNIX-23C2000 Datasheet
58Kb / 8P
   2M-BIT MASK ROM (8 BIT OUTPUT)
logo
King blillion Electroni...
HF88M32B KB-HF88M32B Datasheet
365Kb / 15P
   command interfaced 4M x 8 bit Mask ROM
logo
Macronix International
MX23C8100 MCNIX-MX23C8100 Datasheet
731Kb / 9P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23L8111 MCNIX-MX23L8111 Datasheet
772Kb / 11P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23C3210 MCNIX-MX23C3210_99 Datasheet
118Kb / 8P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23L3211 MCNIX-MX23L3211 Datasheet
488Kb / 10P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com