Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA5351IBZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA5351IBZ
Description  64ns Sample and Hold Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5351IBZ Datasheet(HTML) 5 Page - Intersil Corporation

  HA5351IBZ Datasheet HTML 1Page - Intersil Corporation HA5351IBZ Datasheet HTML 2Page - Intersil Corporation HA5351IBZ Datasheet HTML 3Page - Intersil Corporation HA5351IBZ Datasheet HTML 4Page - Intersil Corporation HA5351IBZ Datasheet HTML 5Page - Intersil Corporation HA5351IBZ Datasheet HTML 6Page - Intersil Corporation HA5351IBZ Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FN3690.11
April 25, 2013
FIGURE 7. DROOP RATE vs TEMPERATURE
FIGURE 8. SLEW RATE vs TEMPERATURE
FIGURE 9. RISE TIME vs TEMPERATURE
FIGURE 10. HOLD MODE SETTLING vs TEMPERATURE
FIGURE 11. PEDESTAL vs S/H CONTROL RISE TIME
FIGURE 12. ACQUISITION TIME (0.01%, 0V TO 2V STEP)
Typical Performance Curves (Continued)
-50
0
50
100
0
0.1
0.2
0.3
0.4
0.5
TEMPERATURE (°C)
3 TYPICAL UNITS
-50
0
50
100
80
90
100
110
120
130
140
150
160
TEMPERATURE (°C)
UNIT #2
UNIT #3
UNIT #1
3 TYPICAL UNITS
-SLEW RATE
+SLEW RATE
-50
0
50
100
4
5
6
7
8
9
TEMPERATURE (°C)
4 TYPICAL UNITS
-50
0
50
100
30
35
40
45
50
55
60
65
TEMPERATURE (°C)
4 TYPICAL UNITS
0
10
20304050
-2
-1
0
1
2
3
S/H CONTROL RISE TIME (ns)
0V TO 4V S/H CTRL
0.01
0.00
-0.01
3.0E-7
0
5
10
TIME (ns)
67.25ns
OUTPUT
S/H
CONTROL
HA5351


Similar Part No. - HA5351IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
176Kb / 7P
   64ns Sample and Hold Amplifier
logo
Renesas Technology Corp
HA5351IBZ RENESAS-HA5351IBZ Datasheet
421Kb / 7P
   64ns Sample and Hold Amplifier
More results

Similar Description - HA5351IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA5351 RENESAS-HA5351 Datasheet
421Kb / 7P
   64ns Sample and Hold Amplifier
logo
Intersil Corporation
HA5351 INTERSIL-HA5351 Datasheet
95Kb / 8P
   64ns Sample and Hold Amplifier
May 1999
HA5351 INTERSIL-HA5351_07 Datasheet
176Kb / 7P
   64ns Sample and Hold Amplifier
logo
NXP Semiconductors
NE5537 PHILIPS-NE5537 Datasheet
103Kb / 8P
   Sample-and-hold amplifier
August 31, 1994
logo
Linear Technology
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
   Precision Sample and Hold Amplifier?
LF198A LINER-LF198A Datasheet
1Mb / 16P
   Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
   Precision Sample and Hold Amplifier
logo
Analog Devices
SMP04 AD-SMP04 Datasheet
277Kb / 15P
   CMOS Quad Sample-and-Hold Amplifier
REV. D
AD684 AD-AD684_15 Datasheet
265Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
logo
Fairchild Semiconductor
SPT9101 FAIRCHILD-SPT9101 Datasheet
58Kb / 8P
   125 MSPS SAMPLE-AND-HOLD AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com