Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7583IR-T7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL7583IR-T7
Description  3-Channel DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7583IR-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  EL7583IR-T7 Datasheet HTML 1Page - Intersil Corporation EL7583IR-T7 Datasheet HTML 2Page - Intersil Corporation EL7583IR-T7 Datasheet HTML 3Page - Intersil Corporation EL7583IR-T7 Datasheet HTML 4Page - Intersil Corporation EL7583IR-T7 Datasheet HTML 5Page - Intersil Corporation EL7583IR-T7 Datasheet HTML 6Page - Intersil Corporation EL7583IR-T7 Datasheet HTML 7Page - Intersil Corporation EL7583IR-T7 Datasheet HTML 8Page - Intersil Corporation EL7583IR-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
FN7335.5
May 12, 2006
NEGATIVE REGULATED CHARGE PUMP (VOFF)
Most negative VOFF output depends on the magnitude of the VDDN input voltage (normally connected to VBOOST) and the external component
configuration (doubler or tripler)
VDDN
Supply Input for Negative Charge Pump
Usually connected to VBOOST output
5
17
V
IQ1(VDDN)
Quiescent Current - Shut-down
ENBN = 0V
1.2
10
µA
IQ2(VDDN)
Quiescent Current - Switching
ENBN = VDDB
2.3
5
mA
V(FBN)
Feedback Reference Voltage
-80
0
+80
mV
I(FBN)
Feedback Input Bias Current
Magnitude of input bias
0.1
µA
I(DRVN)
RMS DRVN Output Current
VDDN = 12V
60
mA
VDDN = 6V
15
mA
ILR_VOFF
Load Regulation
-15mA < IL < -5mA
-0.5
0.03
0.5
%/mA
FPUMP
Charge Pump Frequency
Frequency set by ROSC - see boost section
0.5*FOSC
ENABLE CONTROL LOGIC
VHI-ENX
Enable Input High Threshold
x = “BN”, “P”
1.6
V
VLO-ENX
Enable Input Low Threshold
x = “BN”, “P”
0.8
V
IL(EN”X”)
Logic Low Bias Current
X = “BN”, “P” = 0V
0.1
µA
IL(ENBN)
Logic High Bias Current
ENBN = 5V
7.5
15
µA
IL(ENP)
Logic High Bias Current
ENP = 5V
3.3
7.5
µA
OVER-TEMPERATURE PROTECTION
TOT
Over-temperature Threshold
130
°C
THYS
Over-temperature Hysteresis
40
°C
Electrical Specifications
VIN = 3.3V, VBOOST = 12V, ROSC = 100kΩ, TA = 25°C Unless Otherwise Specified (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
EL7583


Similar Part No. - EL7583IR-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7583IR-T7 INTERSIL-EL7583IR-T7 Datasheet
778Kb / 15P
   3-Channel DC-DC Converter
EL7583IR-T7 INTERSIL-EL7583IR-T7 Datasheet
523Kb / 16P
   3-Channel DC/DC Converter
EL7583IR-T7 INTERSIL-EL7583IR-T7 Datasheet
526Kb / 16P
   3-Channel DC/DC Converter
logo
Renesas Technology Corp
EL7583IR-T7 RENESAS-EL7583IR-T7 Datasheet
822Kb / 16P
   3-Channel DC/DC Converter
More results

Similar Description - EL7583IR-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7583IR INTERSIL-EL7583IR Datasheet
526Kb / 16P
   3-Channel DC/DC Converter
logo
Renesas Technology Corp
EL7583 RENESAS-EL7583 Datasheet
822Kb / 16P
   3-Channel DC/DC Converter
logo
Intersil Corporation
EL7581 INTERSIL-EL7581 Datasheet
839Kb / 17P
   3-Channel DC-DC Converter
logo
Renesas Technology Corp
EL7581 RENESAS-EL7581 Datasheet
813Kb / 17P
   3-Channel DC/DC Converter
logo
Intersil Corporation
EL7581 INTERSIL-EL7581_06 Datasheet
505Kb / 17P
   3-Channel DC/DC Converter
EL7583 INTERSIL-EL7583 Datasheet
778Kb / 15P
   3-Channel DC-DC Converter
EL7583 INTERSIL-EL7583_06 Datasheet
523Kb / 16P
   3-Channel DC/DC Converter
logo
Advanced Analogic Techn...
AAT2785 ANALOGICTECH-AAT2785 Datasheet
635Kb / 22P
   3-Channel Step-Down DC/DC Converter
AAT2784 ANALOGICTECH-AAT2784 Datasheet
693Kb / 21P
   3-Channel Step-Down DC/DC Converter
logo
List of Unclassifed Man...
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com