Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5220CYZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5220CYZ-T7
Description  12MHz Rail-to-Rail Input-Output Op Amps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5220CYZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5220CYZ-T7 Datasheet HTML 2Page - Intersil Corporation EL5220CYZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5220CYZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5220CYZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5220CYZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5220CYZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5220CYZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5220CYZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5220CYZ-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
FN7186.8
October 15, 2015
Electrical Specifications
VS+ = +15V, VS- = 0V, RL = 10k and CL = 10pF to 7.5V, TA = +25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 7.5V
2
14
mV
TCVOS
Average Offset Voltage Drift
(Note 11)
5
µV/°C
IB
Input Bias Current
VCM = 7.5V
2
50
nA
RIN
Input Impedance
1G
CIN
Input Capacitance
1.35
pF
CMIR
Common-Mode Input Range
-0.5
+15.5
V
CMRR
Common-Mode Rejection Ratio
for VIN from -0.5V to +15.5V
53
72
dB
AVOL
Open Loop Gain
0.5V
VOUT 14.5V
75
95
dB
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -5mA
80
150
mV
VOH
Output Swing High
IL = +5mA
14.85
14.92
V
ISC
Short Circuit Current
±120
mA
IOUT
Output Current
±30
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from 4.5V to 15.5V
60
80
dB
IS
Supply Current (Per Amplifier)
No load
500
750
µA
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 12)
1V
VOUT 14V, 20% to 80%
10
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO = 2V step
500
ns
BW
-3dB Bandwidth
RL = 10k, CL = 10pF
12
MHz
GBWP
Gain-Bandwidth Product
RL = 10k, CL = 10pF
8
MHz
PM
Phase Margin
RL = 10k, CL = 10pF
50
°
CS
Channel Separation
f = 5MHz (EL5220 and EL5420 only)
75
dB
NOTES:
11. Measured over operating temperature range
12. Slew rate is measured on rising and falling edges
EL5120, EL5220, EL5420


Similar Part No. - EL5220CYZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5220CYZ-T7 INTERSIL-EL5220CYZ-T7 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5220CYZ-T7 RENESAS-EL5220CYZ-T7 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5220CYZ-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5120 INTERSIL-EL5120 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com