Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5111IWTZ-T7A Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5111IWTZ-T7A
Description  60MHz Rail-to-Rail Input-Output Op Amps
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5111IWTZ-T7A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5111IWTZ-T7A Datasheet HTML 2Page - Intersil Corporation EL5111IWTZ-T7A Datasheet HTML 3Page - Intersil Corporation EL5111IWTZ-T7A Datasheet HTML 4Page - Intersil Corporation EL5111IWTZ-T7A Datasheet HTML 5Page - Intersil Corporation EL5111IWTZ-T7A Datasheet HTML 6Page - Intersil Corporation EL5111IWTZ-T7A Datasheet HTML 7Page - Intersil Corporation EL5111IWTZ-T7A Datasheet HTML 8Page - Intersil Corporation EL5111IWTZ-T7A Datasheet HTML 9Page - Intersil Corporation EL5111IWTZ-T7A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
FN7119.8
August 27, 2015
Typical Performance Curves
FIGURE 1. INPUT OFFSET VOLTAGE DISTRIBUTION
FIGURE 2. INPUT OFFSET VOLTAGE DRIFT
FIGURE 3. INPUT OFFSET VOLTAGE vs TEMPERATURE
FIGURE 4. INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 5. OUTPUT HIGH VOLTAGE vs TEMPERATURE
FIGURE 6. OUTPUT LOW VOLTAGE vs TEMPERATURE
200
INPUT OFFSET VOLTAGE (mV)
0
500
400
100
300
TYPICAL
PRODUCTION
DISTRIBUTION
VS = ±5V
TA = +25°C
INPUT OFFSET VOLTAGE DRIFT, TCVOS (µV/°C)
5
0
25
15
20
10
VS = ±5V
TYPICAL
PRODUCTION
DISTRIBUTION
0.0
0.5
TEMPERATURE (°C)
-0.5
1.0
-10
-50
30
70
110
150
1.5
2.0
0.000
TEMPERATURE (°C)
-0.008
0.008
-0.004
-0.012
0.004
-50
-10
30
70
110
150
VS = ±5V
4.88
4.90
4.86
4.96
4.92
4.94
VS = ±5V
IOUT = 5mA
TEMPERATURE (°C)
-10
-50
30
70
110
150
-4.91
-4.87
-4.95
-4.85
-4.89
-4.93
VS = ±5V
IOUT = 5mA
TEMPERATURE (°C)
-10
-50
30
70
110
150
EL5111, EL5211, EL5411


Similar Part No. - EL5111IWTZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5111IWTZ-T7A INTERSIL-EL5111IWTZ-T7A Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111IWTZ-T7A INTERSIL-EL5111IWTZ-T7A Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111IWTZ-T7A INTERSIL-EL5111IWTZ-T7A Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111IWTZ-T7A RENESAS-EL5111IWTZ-T7A Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5111IWTZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com